Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F27E64KB Datasheet(PDF) 84 Page - SONiX Technology Company

Part # SN8F27E64KB
Description  8-Bit Flash Micro-Controller with Embedded ICE and ISP
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F27E64KB Datasheet(HTML) 84 Page - SONiX Technology Company

Back Button SN8F27E64KB Datasheet HTML 80Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 81Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 82Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 83Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 84Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 85Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 86Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 87Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 88Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 192 page
background image
SN8F27E60 Series
8-Bit Flash Micro-Controller with Embedded ICE and ISP
SONiX TECHNOLOGY CO., LTD
Page 84
Version 1.4
Example: Set P4.1 to be general purpose input mode. P4CON.1 must be set as
“0”.
; Check GCHS and CHS [3:0] status.
B0BCLR
FGCHS
;If CHS[3:0] point to P4.1 (CHS[3:0] = 0001B), set
GCHS=0
;If CHS[3:0]
don’t point to P4.1 (CHS[3:0] ≠ 0001B), don’t
care GCHS status.
; Clear P4CON.
B0BCLR
P4CON.1
; Enable P4.1 digital function.
; Enable P4.1 input mode.
B0BCLR
P4M.1
; Set P4.1 as input mode.
Example: Set P4.1 to be general purpose output. P4CON.1 must be set as
“0”.
; Check GCHS and CHS [3:0] status.
B0BCLR
FGCHS
; If CHS [3:0] point to P4.1 (CHS [3:0] = 0001B), set
GCHS=0.
; If CHS [3:0]
don’t point to P4.1 (CHS [3:0] ≠ 0001B),
don’t care GCHS status.
; Clear P4CON.
B0BCLR
P4CON.1
; Enable P4.1 digital function.
; Set P4.1 output buffer to avoid glitch.
B0BSET
P4.1
; Set P4.1 buffer as
“1”.
; or
B0BCLR
P4.1
; Set P4.1 buffer as
“0”.
; Enable P4.1 output mode.
B0BSET
P4M.1
; Set P4.1 as input mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com