Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F27E64KB Datasheet(PDF) 41 Page - SONiX Technology Company

Part # SN8F27E64KB
Description  8-Bit Flash Micro-Controller with Embedded ICE and ISP
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F27E64KB Datasheet(HTML) 41 Page - SONiX Technology Company

Back Button SN8F27E64KB Datasheet HTML 37Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 38Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 39Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 40Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 41Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 42Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 43Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 44Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 45Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 192 page
background image
SN8F27E60 Series
8-Bit Flash Micro-Controller with Embedded ICE and ISP
SONiX TECHNOLOGY CO., LTD
Page 41
Version 1.4
2.4.5 STACK OPERATION EXAMPLE
The two kinds of Stack-Save operations refer to the stack pointer (STKP) and write the content of program counter (PC)
to the stack buffer are CALL instruction and interrupt service. Under each condition, the STKP decreases and points to
the next available stack location. The stack buffer stores the program counter about the op-code address. The
Stack-Save operation is as the following table.
Stack Level
STKP Register
Stack Buffer
STKOV
Description
STKPB2
STKPB1
STKPB0
High Byte
Low Byte
0
1
1
1
Free
Free
0
-
1
1
1
0
STK0H
STK0L
0
-
2
1
0
1
STK1H
STK1L
0
-
3
1
0
0
STK2H
STK2L
0
-
4
0
1
1
STK3H
STK3L
0
-
5
0
1
0
STK4H
STK4L
0
-
6
0
0
1
STK5H
STK5L
0
-
7
0
0
0
STK6H
STK6L
0
-
8
1
1
1
STK7H
STK7L
0
-
> 8
1
1
0
-
-
1
Stack Over, error
There are Stack-Restore operations correspond to each push operation to restore the program counter (PC). The RETI
instruction uses for interrupt service routine. The RET instruction is for CALL instruction. When a pop operation occurs,
the STKP is incremented and points to the next free stack location. The stack buffer restores the last program counter
(PC) to the program counter registers. The Stack-Restore operation is as the following table.
Stack Level
STKP Register
Stack Buffer
STKOV
Description
STKPB2
STKPB1
STKPB0
High Byte
Low Byte
8
1
1
1
STK7H
STK7L
0
-
7
0
0
0
STK6H
STK6L
0
-
6
0
0
1
STK5H
STK5L
0
-
5
0
1
0
STK4H
STK4L
0
-
4
0
1
1
STK3H
STK3L
0
-
3
1
0
0
STK2H
STK2L
0
-
2
1
0
1
STK1H
STK1L
0
-
1
1
1
0
STK0H
STK0L
0
-
0
1
1
1
Free
Free
0
-
Note: When stack overflow occurs, the system detects the condi
tion and set STKOV flag (“Logic 1”).
STKOV flag can’t be cleared by program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com