Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F27E64KB Datasheet(PDF) 89 Page - SONiX Technology Company

Part # SN8F27E64KB
Description  8-Bit Flash Micro-Controller with Embedded ICE and ISP
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F27E64KB Datasheet(HTML) 89 Page - SONiX Technology Company

Back Button SN8F27E64KB Datasheet HTML 85Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 86Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 87Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 88Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 89Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 90Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 91Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 92Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 93Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 192 page
background image
SN8F27E60 Series
8-Bit Flash Micro-Controller with Embedded ICE and ISP
SONiX TECHNOLOGY CO., LTD
Page 89
Version 1.4
8.2.2 T0 Timer Operation
T0 timer is controlled by T0ENB bit. When T0ENB=0, T0 timer stops. When T0ENB=1, T0 timer starts to count. T0C
increases
“1” by timer clock source. When T0 overflow event occurs, T0IRQ flag is set as ”1” to indicate overflow and
cleared by program. The overflow condition is T0C count from full scale (0xFF) to zero scale (0x00). T0 doesn
’t build in
double buffer, so load T0C by program when T0 timer overflows to fix the correct interval time. If T0 timer interrupt
function is enabled (T0IEN=1), the system will execute interrupt procedure. The interrupt procedure is system program
counter points to interrupt vector (ORG 000BH) and executes interrupt service routine after T0 overflow occurrence.
Clear T0IRQ by program is necessary in interrupt procedure. T0 timer can works in normal mode, slow mode and
green mode. In green mode, T0 keeps counting, set T0IRQ and wakes up system when T0 timer overflows.
0x00 or “n”
by program
...
...
Clock
Source
T0C
T0IRQ
T0 timer overflows. T0IRQ set as “1”.
Reload T0C by program.
T0IRQ is cleared by program.
0x01
or n+1
0xFE
0xFF
...
...
0x00 or “n”
by program
0x02
or n+2
0x02
or n+2
T0 clock source is Fcpu (instruction cycle) through T0rate[2:0] pre-scalar to decide Fcpu/2~Fcpu/256. T0 length is 8-bit
(256 steps), and the one count period is each cycle of input clock.
T0rate[2:0]
T0 Clock
T0 Interval Time
Fhosc=16MHz,
Fcpu=Fhosc/4
Fhosc=4MHz,
Fcpu=Fhosc/4
IHRC_RTC mode
max. (ms) Unit (us) max. (ms) Unit (us)
max.
(sec)
Unit (ms)
000b
Fcpu/256
16.384
64
65.536
256
-
-
001b
Fcpu/128
8.192
32
32.768
128
-
-
010b
Fcpu/64
4.096
16
16.384
64
-
-
011b
Fcpu/32
2.048
8
8.192
32
-
-
100b
Fcpu/16
1.024
4
4.096
16
-
-
101b
Fcpu/8
0.512
2
2.048
8
-
-
110b
Fcpu/4
0.256
1
1.024
4
-
-
111b
Fcpu/2
0.128
0.5
0.512
2
-
-
-
32768Hz/64
-
-
-
-
0.5
1.953



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com