Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F27E64KB Datasheet(PDF) 48 Page - SONiX Technology Company

Part # SN8F27E64KB
Description  8-Bit Flash Micro-Controller with Embedded ICE and ISP
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F27E64KB Datasheet(HTML) 48 Page - SONiX Technology Company

Back Button SN8F27E64KB Datasheet HTML 44Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 45Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 46Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 47Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 48Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 49Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 50Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 51Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 52Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 192 page
background image
SN8F27E60 Series
8-Bit Flash Micro-Controller with Embedded ICE and ISP
SONiX TECHNOLOGY CO., LTD
Page 48
Version 1.4
3.4.3 BROWN OUT RESET IMPROVEMENT
How to improve the brown reset condition? There are some methods to improve brown out reset as following.
LVD reset
Watchdog reset
Reduce the system executing rate
External reset circuit. (Zener diode reset circuit, Voltage bias reset circuit, External reset IC)
Note:
1.
The
“ Zener diode reset circuit”, “Voltage bias reset circuit” and “External reset IC” can completely
improve the brown out reset, DC low battery and AC slow power down conditions.
2.
For AC power application and enhance EFT performance, the system clock is 4MHz/4 (1 mips) and use
external reset (
“ Zener diode reset circuit”, “Voltage bias reset circuit”, “External reset IC”). The
structure can improve noise effective and get good EFT characteristic.
Watchdog reset:
The watchdog timer is a protection to make sure the system executes well. Normally the watchdog timer would be clear
at one point of program.
Don’t clear the watchdog timer in several addresses. The system executes normally and the
watchdog won
’t reset system. When the system is under dead-band and the execution error, the watchdog timer can’t
be clear by program. The watchdog is continuously counting until overflow occurrence. The overflow signal of
watchdog timer triggers the system to reset, and the system return to normal mode after reset sequence. This method
also can improve brown out reset condition and make sure the system to return normal mode.
If the system reset by watchdog and the power is still in dead-band, the system reset sequence
won’t be successful
and the system stays in reset status until the power return to normal range. Watchdog timer application note is as
following.
Reduce the system executing rate:
If the system rate is fast and the dead-band exists, to reduce the system executing rate can improve the dead-band.
The lower system rate is with lower minimum operating voltage. Select the power voltage that
’s no dead-band issue
and find out the mapping system rate. Adjust the system rate to the value and the system exits the dead-band issue.
This way needs to modify whole program timing to fit the application requirement.
External reset circuit:
The external reset methods also can improve brown out reset and is the complete solution. There are three external
reset circuits to improve brown out reset including
“Zener diode reset circuit”, “Voltage bias reset circuit” and “External
reset IC
”. These three reset structures use external reset signal and control to make sure the MCU be reset under
power dropping and under dead-band. The external reset information is described in the next section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com