Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6421 Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6421
Description  Fixed-Point Digital Signal Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6421 Datasheet(HTML) 62 Page - Texas Instruments

Back Button TMS320C6421 Datasheet HTML 58Page - Texas Instruments TMS320C6421 Datasheet HTML 59Page - Texas Instruments TMS320C6421 Datasheet HTML 60Page - Texas Instruments TMS320C6421 Datasheet HTML 61Page - Texas Instruments TMS320C6421 Datasheet HTML 62Page - Texas Instruments TMS320C6421 Datasheet HTML 63Page - Texas Instruments TMS320C6421 Datasheet HTML 64Page - Texas Instruments TMS320C6421 Datasheet HTML 65Page - Texas Instruments TMS320C6421 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 223 page
background image
www.ti.com
C64x+™ DSP:
C6424
C6421
PREFIX
TMX
320
C6421
ZWT
TMX=Experimentaldevice
TMS=Qualifieddevice
DEVICEFAMILY
320= TMS320™ DSP Family
PACKAGE TYPE(A)
ZWT =361-pinplasticBGA,withPb-Freesolderedballs
ZDU=376-pinplasticBGA,withPb-Freesolderedballs[Green]
DEVICE
A.BGA =BallGrid Array
B.For “TMX” initialdevices,thedevicenumberisC6424.
DEVICESPEEDRANGE
()
4=400MHz
5=500MHz
6=600MHz
TEMPERATURERANGE(JUNCTION)
()
()
SILICONREVISION:
Blank=Revision1.3
Blank
=0°Cto90°C,CommercialGrade
Q
=-40°Cto125°C, AutomotiveGrade
R
= 0°Cto90°C,CommercialGrade(TapeandReel)
S
=-40°Cto125°C, AutomotiveGrade(TapeandReel)
TMS320C6421
Fixed-Point Digital Signal Processor
SPRS346C – JANUARY 2007 – REVISED NOVEMBER 2007
Predictions show that prototype devices (TMX or TMP) have a greater failure rate than the standard
production devices. Texas Instruments recommends that these devices not be used in any production
system because their expected end-use failure rate still is undefined. Only qualified production devices are
to be used.
TI device nomenclature also includes a suffix with the device family name. This suffix indicates the
package type (for example, ZWT), the temperature range (for example, "Blank" is the commercial
temperature range), and the device speed range in megahertz (for example, "Blank" is the default
[600-MHz]).
Figure 2-12 provides a legend for reading the complete device name for any TMS320C642x DSP platform
member.
Figure 2-12. Device Nomenclature(B)
62
Device Overview
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com