Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6421 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6421
Description  Fixed-Point Digital Signal Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6421 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS320C6421 Datasheet HTML 4Page - Texas Instruments TMS320C6421 Datasheet HTML 5Page - Texas Instruments TMS320C6421 Datasheet HTML 6Page - Texas Instruments TMS320C6421 Datasheet HTML 7Page - Texas Instruments TMS320C6421 Datasheet HTML 8Page - Texas Instruments TMS320C6421 Datasheet HTML 9Page - Texas Instruments TMS320C6421 Datasheet HTML 10Page - Texas Instruments TMS320C6421 Datasheet HTML 11Page - Texas Instruments TMS320C6421 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 223 page
background image
www.ti.com
TMS320C6421
Fixed-Point Digital Signal Processor
SPRS346C – JANUARY 2007 – REVISED NOVEMBER 2007
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Updated/Changed the values for the following parameters:
td(TURNAROUND) MIN/ MAX from "(TA + 1) * E - TBD"/ "(TA + 1)*E + TBD" to NOM "(TA + 1)*E"
tc(EMRCYCLE) (EW = 0) MIN/ MAX from "(RS + RST + RH) * E - TBD"/ "(RS + RST + RH) * E + TBD" to
NOM "(RS + RST + RH) * E"
tsu(EMCSL-EMOEL) (SS = 0) MIN/ MAX from "(RS + 1) * E - TBD"/ "(RS + 1) * E + TBD" to "(RS + 1) * E -
4"/ "(RS + 1) * E + 4"
tsu(EMCSL-EMOEL) (SS = 1) MIN/ MAX from "TBD" and "blank" to "-4"/ "4"
th(EMOEH-EMCSH) (SS = 0) MIN/ MAX from "(RH + 1) * E - TBD"/ "(RH + 1) * E + TBD" to "(RH + 1) * E -
4"/ "(RH + 1) * E + 4"
th(EMOEH-EMCSH) (SS = 1) MIN/ MAX from "TBD"/ "blank" to "-4"/ "4"
tsu(EMBAV-EMOEL) MIN/ MAX from "(RS + 1) * E - TBD"/ "(RS + 1) * E + TBD" to "(RS + 1) * E - 4"/ "(RS +
1) * E + 4"
th(EMOEH-EMBAIV) MIN/ MAX from "(RH + 1) * E - TBD"/ "(RH + 1) * E + TBD" to "(RH + 1) * E - 4"/ "(RH +
1) * E + 4"
tsu(EMBAV-EMOEL) (SS = 0) MIN/ MAX from "(RS + 1) * E - TBD"/ "(RS + 1) * E + TBD" to "(RS + 1) * E -
4"/ "(RS + 1) * E + 4"
th(EMOEH-EMBAIV) MIN/ MAX from "(RH + 1) * E - TBD"/ "(RH + 1) * E + TBD" to "(RH + 1) * E - 4"/ "(RH +
1) * E + 4"
tw(EMOEL) (EW = 0) MIN/ MAX from "(RST+ 1) * E - TBD"/ "(RST + 1)*E + TBD" to NOM "(RST + 1)*E"
td(EMWAITH-EMOEH) MAX from "4E + TBD" to "4E + 4"
tc(EMWCYCLE) (EW = 0) MIN/ MAX from "(RS + RST + RH) * E - TBD"/ "(RS + RST + RH) * E + TBD" to
NOM "(WS + WST + WH) * E"
tsu(EMCSL-EMWEL) (SS = 0) MIN/ MAX from "(WS + 1) * E - TBD"/ "(WS + 1) * E + TBD" to "(WS + 1) * E -
4"/ "(WS + 1) * E + 4"
tsu(EMCSL-EMWEL) (SS = 1) MIN/ MAX from "TBD"/ "blank" to "-4"/ "4"
th(EMWEH-EMCSH) (SS = 0) MIN/ MAX from "(WH + 1) * E - TBD"/ "(WH + 1) * E + TBD" to "(WH + 1) * E -
4"/ "(WH + 1) * E + 4"
th(EMWEH-EMCSH) (SS = 1) MIN/ MAX from "TBD"/ "blank" to "-4"/ "4"
tsu(EMRNW-EMWEL) MIN/ MAX from "(WS + 1) * E - TBD"/ "(WS + 1) * E + TBD" to "(WS + 1) * E - 4"/ "(WS
+ 1) * E + 4"
th(EMWEH-EMRNW) MIN/ MAX from "(WH + 1) * E - TBD"/ "(WH + 1) * E + TBD" to "(WH + 1) * E - 4"/ "(WH
+ 1) * E + 4"
tsu(EMBAV-EMWEL) MIN/ MAX from "(WS + 1) * E - TBD"/ "(WS + 1) * E + TBD" to "(WS + 1) * E - 4"/ "(WS
+ 1) * E + 4"
th(EMWEH-EMBAIV) MIN/ MAX from "(WH + 1) * E - TBD"/ "(WH + 1) * E + TBD" to "(WH + 1) * E - 4"/ "(WH
+ 1) * E + 4"
tsu(EMAV-EMWEL) MIN/ MAX from "(WS + 1) * E - TBD"/ "(WS + 1) * E + TBD" to "(WS + 1) * E - 4"/ "(WS +
1) * E + 4"
th(EMWEH-EMBAIV) MIN/ MAX from "(WH + 1) * E - TBD"/ "(WH + 1) * E + TBD" to "(WH + 1) * E - 4"/ "(WH
+ 1) * E + 4"
tw(EMWEL) (EW = 0) MIN/ MAX from "(WST + 1) * E - TBD"/ "(WST + 1) * E + TBD" to NOM "(WST + 1) *
E"
td(EMWAITH-EMwEH) MAX from "4E + TBD" to "4E + 4"
tsu(EMDV-EMWEL) MIN/ MAX from "(WS + 1) * E - TBD"/ "(WS + 1) * E + TBD" to "(WS + 1) * E - 4"/ "(WS +
1) * E + 4"
th(EMWEH-EMDIV) MIN/ MAX from "(WH + 1) * E - TBD"/ "(WH + 1) * E + TBD" to "(WH + 1) * E - 4"/ "(WH
+ 1) * E + 4"
Section 6.9.4.1
Section 6.9.4.1, DDR2 Memory Controller Electrical Data/Timing
Table 6-27, Updated/Changed tc(DDR_CLK0) cycle time minimum value from "6ns" to "7.5 ns"
Revision History
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com