Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6421 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6421
Description  Fixed-Point Digital Signal Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6421 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS320C6421 Datasheet HTML 5Page - Texas Instruments TMS320C6421 Datasheet HTML 6Page - Texas Instruments TMS320C6421 Datasheet HTML 7Page - Texas Instruments TMS320C6421 Datasheet HTML 8Page - Texas Instruments TMS320C6421 Datasheet HTML 9Page - Texas Instruments TMS320C6421 Datasheet HTML 10Page - Texas Instruments TMS320C6421 Datasheet HTML 11Page - Texas Instruments TMS320C6421 Datasheet HTML 12Page - Texas Instruments TMS320C6421 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 223 page
background image
www.ti.com
TMS320C6421
Fixed-Point Digital Signal Processor
SPRS346C – JANUARY 2007 – REVISED NOVEMBER 2007
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Section 6.12.3
Section 6.12.3, HPI Electrical Data/Timing:
Table 6-35, Timing Requirements for Host-Port Interface Cycles:
Deleted parameters 9,10, 16, 17, and 19
Updated/Changed parameter 13 from "Hold time, HSTROBE low after..." to "Hold time, HSTROBE high
after..."
Deleted "HPI Read Timing (HAS Used)" figure
Deleted "HPI Write Timing (HAS Used)" figure
Section 6.13.1.1
Section 6.13.1.1, McBSP Electrical Data/Timing
Table 6-38, Timing Requirements for McBSP
Updated/Changed th(CKRL-FRH) CLKR ext MIN value from "3 ns" to "4 ns"
Updated/Changed th(CKRL-DRV) CLKR ext MIN value from "3 ns" to "3.5 ns"
Table 6-39, Switching Characteristics Over Recommended Operating Conditions for McBSP
Updated/Changed tw(CKRX) CLKR/X int MIN and MAX values from C-1 and C+1 to C-2 and C+2
Updated/Changed td(FXH-DXV) FSX int MIN value from "-3.9 ns" to "-4 ns"
Updated/Changed td(FXH-DXV) FSX ext MIN and MAX values from "-2.1 ns" and "5 ns"to "+1 ns" and "14.5
ns"
Section 6.14.1.2
Section 6.14.1.2, McASP0 Peripheral Register Description(s)
Table 6-49, McASP0 Control Registers:
Updated/Changed Serializer 0 control register (SRCTL0) HEX ADDRESS RANGE from 01B4 C180 to
01D0 1180.
Section 6.14.1.3, McASP0 Electrical Data/Timing
Table 6-51, Timing Requirements for McASP:
Updated/Changed tsu(FRX-CKRX) ACLKR/X int MIN value from "10 ns" to "11 ns"
Updated/Changed tsu(AXR-CKRX) ACLKR/X int MIN value from "10 ns" to "11 ns"
Added ACLKR/X "ext input" and "ext output" values to th(CKRX-FRX)
Added ACLKR/X "ext input" and "ext output" values to th(CKRX-AXR)
Table 6-52, Switching Characteristics Over Recommended Operating Conditions for McASP
Added ACLKR/X "ext input" and "ext output" values to td(CKRX-FRX)
Added ACLKR/X "ext input" and "ext output" values to td(CKX-AXRV)
Table 6-42, Switching Characteristics Over Recommended Operating Conditions for McBSP as SPI
Master or Slave: CLKSTP = 10b, CLKXP = 0
Updated/Changed td(FXL-CKXH) MIN value from "L - 2 ns" to "L - 4 ns"
Updated/Changed table note from "...input clock = P if CLKSM = 1..." to "...input clock = 2P if CLKSM =
1..."
Updated/Changed table note from "...input clock = P_clks if CLKSM = 0..." to "...input clock = 2*P_clks if
CLKSM = 0..."
Table 6-42, Switching Characteristics Over Recommended Operating Conditions for McBSP as SPI
Master or Slave: CLKSTP = 11b, CLKXP = 0
Updated/Changed td(FXL-CKXH) MIN value from "T - 2 ns" to "T - 4 ns"
Updated/Changed td(FXL-DXV) MIN/ MAX values from "H - 2 ns"/ "H + 4 ns" to "H - 4 ns"/ "H + 5.5 ns"
Updated/Changed table note from "...input clock = P if CLKSM = 1..." to "...input clock = 2P if CLKSM =
1..."
Updated/Changed table note from "...input clock = P_clks if CLKSM = 0..." to "...input clock = 2*P_clks if
CLKSM = 0..."
Table 6-42, Switching Characteristics Over Recommended Operating Conditions for McBSP as SPI
Master or Slave: CLKSTP = 10b, CLKXP = 1
Updated/Changed td(FXL-CKXL) MIN/ MAX values from "H - 2 ns"/ "H + 3 ns" to "H - 4 ns"/ "H + 4 ns"
Updated/Changed table note from "...input clock = P if CLKSM = 1..." to "...input clock = 2P if CLKSM =
1..."
Updated/Changed table note from "...input clock = P_clks if CLKSM = 0..." to "...input clock = 2*P_clks if
CLKSM = 0..."
Table 6-42, Switching Characteristics Over Recommended Operating Conditions for McBSP as SPI
Master or Slave: CLKSTP = 11b, CLKXP = 1
Updated/Changed td(FXL-CKXL) MIN/ MAX values from "T - 2 ns"/ "T + 1 ns" to "T - 4 ns"/ "T + 4 ns"
Updated/Changed table note from "...input clock = P if CLKSM = 1..." to "...input clock = 2P if CLKSM =
1..."
Updated/Changed table note from "...input clock = P_clks if CLKSM = 0..." to "...input clock = 2*P_clks if
CLKSM = 0..."
Submit Documentation Feedback
Revision History
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com