Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6421 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6421
Description  Fixed-Point Digital Signal Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6421 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS320C6421 Datasheet HTML 6Page - Texas Instruments TMS320C6421 Datasheet HTML 7Page - Texas Instruments TMS320C6421 Datasheet HTML 8Page - Texas Instruments TMS320C6421 Datasheet HTML 9Page - Texas Instruments TMS320C6421 Datasheet HTML 10Page - Texas Instruments TMS320C6421 Datasheet HTML 11Page - Texas Instruments TMS320C6421 Datasheet HTML 12Page - Texas Instruments TMS320C6421 Datasheet HTML 13Page - Texas Instruments TMS320C6421 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 223 page
background image
www.ti.com
TMS320C6421
Fixed-Point Digital Signal Processor
SPRS346C – JANUARY 2007 – REVISED NOVEMBER 2007
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Section 6.15.3
Section 6.15.3.2, EMAC RMII Electrical Data/Timing:
Table 6-61, Updated/Changed title from "Timing Requirements for RMREFCLK - MII Operation" to
"Timing Requirements for RMREFCLK - RMII Operation"
Table 6-61, Timing Requirements for RMREFCLK - RMII Operation
Updated/Changed tc(RMREFCLK) MIN value from "TBD" to "20 ns"
Updated/Changed tt(RMREFCLK) MAX value from "TBD" to "2 ns"
Table 6-62, Timing Requirements for EMAC RMII Receive 10/100 Mbit/s:
Updated/Changed tsu(RMRXD-REFCLKH) MIN value from "TBD" to "4 ns"
Updated/Changed th(REFCLKH-RMRXD) MIN value from "TBD" to "2 ns"
Table 6-63, Switching Characteristics Over Recommended Operating Conditions for EMAC RMII Transmit
10/100 Mbit/s:
Updated/Changed td(REFCLKH-MTXD) MIN value from "TBD" to "2.2 ns"
Updated/Changed td(REFCLKH-MTXD) MAX value from "TBD" to "15.5 ns"
Section 6.19.2
Table 6-79, Switching Characteristics Over Recommended Operating Conditions for Transmit Data for the
VLYNQ Module:
Updated/Changed td(VCLKH-TXDV) MAX value from "8.5 ns" to "12 ns"
Table 6-80, Timing Requirements for Receive Data for the VLYNQ Module:
Updated/Changed th(VCLKH-RXDV) MIN value from "2 ns" to "3ns"
Table 6-81, RTM RX Data Flop Hold/Setup Timing Constraints:
Added "Typical Values" to title
Updated/Changed HOLD (Y) and SETUP (X) values as follows:
RX Data Flop 0: HOLD (Y) from "0.6" to "1.3"; SETUP (X) from "2.5" to "0.9"
RX Data Flop 1:SETUP (X) from "2.25" to "0.7"
RX Data Flop 2: HOLD (Y) from "1.9" to "1.5"; SETUP (X) from "2" to "-0.4"
RX Data Flop 3: HOLD (Y) from "2" to "1.6"; SETUP (X) from "1.75" to "-0.6"
RX Data Flop 4: HOLD (Y) from "2.5" to "1.8"; SETUP (X) from "1.5" to "-0.8"
RX Data Flop 5: HOLD (Y) from "3" to "2.0"; SETUP (X) from "1.25" to "-1.0"
RX Data Flop 6: HOLD (Y) from "3.5" to "2.2"; SETUP (X) from "1" to "-1.1"
RX Data Flop 7: HOLD (Y) from "4" to "2.4"; SETUP (X) from "0.75" to "-1.2"
Section 6.21.1
Table 6-86, JTAG ID (JTAGID) Register Selection Bit Descriptions:
Updated/Changed VARIANT field DESCRIPTION
Revision History
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com