Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6421 Datasheet(PDF) 88 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6421
Description  Fixed-Point Digital Signal Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6421 Datasheet(HTML) 88 Page - Texas Instruments

Back Button TMS320C6421 Datasheet HTML 84Page - Texas Instruments TMS320C6421 Datasheet HTML 85Page - Texas Instruments TMS320C6421 Datasheet HTML 86Page - Texas Instruments TMS320C6421 Datasheet HTML 87Page - Texas Instruments TMS320C6421 Datasheet HTML 88Page - Texas Instruments TMS320C6421 Datasheet HTML 89Page - Texas Instruments TMS320C6421 Datasheet HTML 90Page - Texas Instruments TMS320C6421 Datasheet HTML 91Page - Texas Instruments TMS320C6421 Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 223 page
background image
www.ti.com
TMS320C6421
Fixed-Point Digital Signal Processor
SPRS346C – JANUARY 2007 – REVISED NOVEMBER 2007
Table 3-17. PINMUX0 Register Bit Descriptions (continued)
Bit
Field Name
Description
Pins Controlled
EM_D[7]/GP[21]
EM_D[6]/GP[20]
EM_D[5]/GP[19]
EM_D[4]/GP[18]
EM_D[3]/GP[17]
EM_D[2]/GP[16]
EM_D[1]/GP[15]
EM_D[0]/GP[14]
EM_R/WGP[35]
EMIFA Pinout Modes
EM_A[21]/GP[34]
This field does not affect the actual EMIFA operation. It only determines what
EM_A[20]/GP[44]
multiplexed pins in the EMIFA Block serves as EMIFA pins.
EM_A[19]/GP[45]
EM_A[18]/GP[46]
000b = No EMIFA Mode
EM_A[17]/GP[47]
None of the multiplexed pins in the EMIFA Block serves as EMIFA pins. They
EM_A[16]/GP[48]
serve as GPIO pins.
EM_A[15]/GP[49]
EM_A[14]/GP[50]
001b = Reserved.
EM_A[13]/GP[51]
010b = 8-bit EMIFA (Async) Pinout Mode 2
EM_A[12]/GP[89]
Pinout allows up to a maximum of these functions from EMIFA Block: 8-bit EMIFA
EM_A[11]/GP[90]
2:0
AEM(1)
(Async or NAND) + GPIO + EMAC(RMII). All of the pins listed under the "Pins
EM_A[10]/GP[91]
Controlled" column serve as EMIFA pins. PINMUX0.RMII can be set to 0 or 1.
EM_A[9]/GP[92]
EM_A[8]/GP[93]
011b = Reserved.
EM_A[7]/GP[94]
EM_A[6]/GP[95]
100b = Reserved.
EM_A[5]/GP[96]
EM_A[4]/GP[10]/(PLLMS2)
101b = 8-bit EMIFA (NAND) Pinout Mode 5
EM_A[3]/GP[11]
Pinout allows up to a maximum of these functions from EMIFA Block: 8-bit EMIFA
EM_A[2]/(CLE)/GP[8]/(PLLMS0)
(NAND) + GPIO + EMAC(RMII). PINMUX0.RMII can be set to 0 or 1.
EM_A[1]/(ALE)/GP[9]/(PLLMS1)
110b through 111b = Reserved.
EM_A[0]/GP[7]/(AEM2)
EM_CS2/GP[12]
EM_BA[0]/GP[6]/(AEM1)
EM_BA[1]/GP[5]/(AEM0)
The pin mux for these pins are controlled by a
combination of AEM and other fields. For the
full set of valid configurations of these pins, see
Section 3.7.3.11.2, EMIFA Block Pin-by-Pin
Multiplexing Summary.
(1)
The AEM default value is latched at reset from AEM[2:0] configuration inputs. The latched values are also shown at BOOTCFG.DAEM
(read-only).
3.7.2.2 PINMUX1 Register Description
The Pin Multiplexing 1 Register (PINMUX1) controls the pin multiplexing of all Pin Mux Blocks. The
PINMUX1 register format is shown in Figure 3-12 and the bit field descriptions are given in Table 3-18.
Some muxed pins are controlled by more than one PINMUX bit field. For the combination of PINMUX bit
fields that control each muxed pin, see Section 3.7.3.1, Multiplexed Pins on C6421.
31
26
25
24
23
22
21
20
19
18
17
16
RESERVED
SPBK1
SPBK0
TIM1BK
RSV
TIM0BK
R/W-0000 00
R/W-00
R/W-00
R/W-00
R/W-00
R/W-00
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
CKOBK
RSV
PWM1BK
UR0FCBK
RSV
UR0DBK
RSV
HOSTBK
RESERVED
RSV
R/W-01
R/W-0
R/W-0
R/W-00
R/W-0
R/W-0
R/W-0
R/W-000
R/W-000
R-0
LEGEND: R/W = Read/Write; R = Read only; P = specified pin state; -n = value after reset
(1) For proper C6421 device operation, always write a value of "0" to all RESERVED/RSV bits.
Figure 3-12. PINMUX1 Register—0x01C4 0004 (1)
88
Device Configurations
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com