| Electronic Components Datasheet Search |
|
TMS320C6421 Datasheet(PDF) 95 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320C6421 Datasheet(HTML) 95 Page - Texas Instruments |
|
95 / 223 page ![]() www.ti.com TMS320C6421 Fixed-Point Digital Signal Processor SPRS346C – JANUARY 2007 – REVISED NOVEMBER 2007 Table 3-20. Host Block Muxed Pins Selection MULTIPLEXED FUNCTIONS SIGNAL NAME HPI EMAC(MII)/MDIO VLYNQ GPIO FUNCTION SELECT FUNCTION SELECT FUNCTION SELECT FUNCTION SELECT HOSTBK = 000 or VLYNQ_CLOCK/GP[57] – – – – VLYNQ_CLOCK GP[57] HOSTBK = 001 or HOSTBK = 100 HD0/VLYNQ_SCRUN/GP[58] HD0 – – VLYNQ_SCRUN GP[58] HD1/VLYNQ_RXD0/GP[59] HD1 – – VLYNQ_RXD0 GP[59] HOSTBK = 010 HD2/VLYNQ_RXD1/GP[60] HD2 – – VLYNQ_RXD1 GP[60] or HOSTBK = 011 HD3/VLYNQ_RXD2/GP[61] HD3 – – VLYNQ_RXD2 GP[61] HOSTBK = 000 HD4/VLYNQ_RXD3/GP[62] HD4 – – VLYNQ_RXD3 GP[62] or HOSTBK = 100 HD5/VLYNQ_TXD0/GP[63] HD5 – – VLYNQ_TXD0 GP[63] HD6/VLYNQ_TXD1/GP[64] HD6 – – VLYNQ_TXD1 GP[64] HD7/VLYNQ_TXD2/GP[65] HD7 – – VLYNQ_TXD2 GP[65] HD8/VLYNQ_TXD3/GP[66] HD8 – – VLYNQ_TXD3 GP[66] HD9/MCOL/GP[67] HD9 MCOL – – GP[67] HD10/MCRS/GP[68] HD10 MCRS – – GP[68] HD11/MTXD3/GP[69] HD11 MTXD3 – – GP[69] HD12/MTXD2/GP[70] HD12 MTXD2 – – GP[70] HOSTBK = 001 HD13/MTXD1/GP[71] HD13 MTXD1 – – GP[71] HD14/MTXD0/GP[72] HD14 MTXD0 – – GP[72] HD15/MTXCLK/GP[73] HD15 MTXCLK – – GP[73] HHWIL/MRXDV/GP[74] HHWIL MRXDV – – GP[74] HOSTBK = 011 HOSTBK = 000 HCNTL1/MTXEN/GP[75] HCNTL1 MTXEN or – – GP[75] or HOSTBK = 100 HOSTBK = 010 HCNTL0/MRXER/GP[76] HCNTL0 MRXER – – GP[76] HR/W/MRXCLK/GP[77] HR/W MRXCLK – – GP[77] HDS2/MRXD0/GP[78] HDS2 MRXD0 – – GP[78] HDS1/MRXD1/GP[79] HDS1 MRXD1 – – GP[79] HRDY/MRXD2/GP[80] HRDY MRXD2 – – GP[80] HCS/MDCLK/GP[81] HCS MDCLK – – GP[81] HINT/MRXD3/GP[82] HINT MRXD3 – – GP[82] HAS/MDIO/GP[83] HAS MDIO – – GP[83] There is only one EMAC peripheral on the C6421 device, even though the pins for MII mode and the pins for RMII modes are brought out to different locations. The EMAC MII mode pins are in the Host Block, while EMAC RMII mode pins are only in the EMIFA Block. The user is only allowed to select either the MII pins or the RMII pins. The operation is undefined if the user attempts to select both MII pins and RMII pins. Table 3-21 provides a different view of the Host Block pin muxing, showing the Host Block function based on PINMUX1 settings. The selection options are also shown pictorially in Figure 3-10. If EMAC operation is desired, EMAC must be placed in reset before programming PINMUX1.HOSTBK to select EMAC pins. Table 3-21. Host Block Function Selection PINMUX1 SETTING BLOCK FUNCTION RESULTING PIN FUNCTIONS HOSTBK GPIO (27) 000 GPIO: GP[83:57] (Default) HPI: HHWIL, HCNTL[1:0], HR/W, HDS2, HDS1, HRDY, HCS, HINT, HAS, HD[15:0] 001 HPI + GPIO (1) GPIO: GP[57] Submit Documentation Feedback Device Configurations 95 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |