Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRV9002BBCZ Datasheet(PDF) 34 Page - Analog Devices

Part # ADRV9002BBCZ
Description  Dual Narrow-Band and Wideband RF Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9002BBCZ Datasheet(HTML) 34 Page - Analog Devices

Back Button ADRV9002BBCZ Datasheet HTML 30Page - Analog Devices ADRV9002BBCZ Datasheet HTML 31Page - Analog Devices ADRV9002BBCZ Datasheet HTML 32Page - Analog Devices ADRV9002BBCZ Datasheet HTML 33Page - Analog Devices ADRV9002BBCZ Datasheet HTML 34Page - Analog Devices ADRV9002BBCZ Datasheet HTML 35Page - Analog Devices ADRV9002BBCZ Datasheet HTML 36Page - Analog Devices ADRV9002BBCZ Datasheet HTML 37Page - Analog Devices ADRV9002BBCZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 100 page
background image
Data Sheet
ADRV9002
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. A | 34 of 100
470 MHz LO
The temperature settings refer to the die temperature. All LO frequencies set to 470 MHz, unless otherwise noted.
Figure 43. Receiver Absolute Gain (Complex) vs. Gain Index, Baseband
Frequency = 5.6 MHz, ADC = High Performance, POUT = −9.6 dBFS
Figure 44. Receiver Noise Figure vs. Gain Index, Baseband Frequency =
5.6 MHz, ADC = High Performance
Figure 45. Receiver Noise Figure vs. Gain Index, Baseband Frequency =
5.6 MHz, ADC = Low Power
Figure 46. Receiver Image Rejection vs. DUT Junction Temperature (Low to
High), Tone 1 Baseband Frequency = −5.1MHz, Tone 2 Baseband Frequency
= 13.9 MHz, ADC = High Performance, POUT = −11.1 dBFS
Figure 47. Receiver Image Rejection vs. DUT Junction Temperature (Low to
High), Tone 1 Baseband Frequency = −5.1 MHz, Tone 2 Baseband Frequency
= 13.9 MHz, ADC = Low Power, POUT = −11.1 dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com