Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRV9002BBCZ Datasheet(PDF) 94 Page - Analog Devices

Part # ADRV9002BBCZ
Description  Dual Narrow-Band and Wideband RF Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9002BBCZ Datasheet(HTML) 94 Page - Analog Devices

Back Button ADRV9002BBCZ Datasheet HTML 90Page - Analog Devices ADRV9002BBCZ Datasheet HTML 91Page - Analog Devices ADRV9002BBCZ Datasheet HTML 92Page - Analog Devices ADRV9002BBCZ Datasheet HTML 93Page - Analog Devices ADRV9002BBCZ Datasheet HTML 94Page - Analog Devices ADRV9002BBCZ Datasheet HTML 95Page - Analog Devices ADRV9002BBCZ Datasheet HTML 96Page - Analog Devices ADRV9002BBCZ Datasheet HTML 97Page - Analog Devices ADRV9002BBCZ Datasheet HTML 98Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 100 page
background image
Data Sheet
ADRV9002
THEORY OF OPERATION
analog.com
Rev. A | 94 of 100
DPD
The ADRV9002 provides a fully integrated DPD function that alters
the digital waveform to compensate for nonlinearities in the power
amplifier response, which linearizes the output of the power amplifi-
er of the transmit system. The internal DPD block is optimized for
both narrow-band and wideband signals. The DPD actuator and
coefficient calculation engine are both integrated. This functionality
uses the receive channel to monitor the output of the power am-
plifier and calculates the appropriate predistortion to linearize the
output. The integrated DPD capability allows the system to drive
the power amplifier closer to saturation, enabling a higher efficiency
power amplifier while maintaining linearity.
Receiver as an Observation Receiver
In FDD type applications where only one receiver is used or in
the TDD type applications during transmitter time slots, unused
receiver inputs can be used to perform transmitter observation.
The observation receiver operates in a similar manner to the main
receivers.
Use the observation receiver channel to perform the following:
►
Monitor the transmitter channels and implement transmitter local
oscillator leakage (LOL) correction and transmitter QEC.
►
Monitor signal levels after the power amplifier output. This data
can be used by a fully integrated low power DPD block. The
integrated DPD is optimized for both narrow-band and wideband
signals and enables linearization of high efficiency power amplifi-
ers.
►
Monitor signal levels after the power amplifier output for further
data processing in the external baseband processor.
In cases where the observation receiver path is used for DPD oper-
ation, there is a limit to the maximum bandwidth of the transmitter
signal the DPD can support. For example, if the DPD observation
factor is 5×, the transmitter signal bandwidth is limited to 1/5 of the
DPD observation bandwidth. When using the ADRV9002 internal
DPD block, the largest transmitter bandwidth that the internal DPD
can support is 20 MHz because of the largest internal DPD obser-
vation bandwidth of 100 MHz. When external DPD is used, the
largest DPD observation bandwidth is limited by the transmitter and
observation receiver RF bandwidth. 40 MHz is the largest RF band-
width that can be received and sent over the digital data port to
the baseband processor, which implies that 8 MHz represents the
largest transmitter bandwidth that the DPD implemented externally
to the ADRV9002 can support.
CLOCK INPUT
The reference clock inputs provide a low frequency clock from
which all internal ADRV9002 clocks are derived. The ADRV9002
offers multiple reference input clocking options. The reference input
clock pins on the device are labeled DEV_CLK_IN±.
For optimal performance, drive the reference clock differentially via
an external source or from an external crystal. If a differential input
clock is provided, the clock signal must be ac-coupled with the input
range limited from 10 MHz to 1 GHz. The ADRV9002 can also
accept an external crystal (XTAL) as a clock source. The frequency
range of the supported crystal is between 20 MHz to 80 MHz. The
external crystal connection must be dc-coupled.
If a differential clock is not available, a single-ended, ac-cou-
pled, 1 V p-p (maximum) CMOS signal can be applied to the
DEV_CLK_IN+ pin with the DEV_CLK_IN− pin unconnected. The
maximum clock frequency in this mode is limited to 80 MHz.
SYNTHESIZERS
The ADRV9002 offers two distinct PLL paths, an RF PLL for the
high frequency RF path and a baseband PLL for the digital and
sampling clocks of the data converters.
RF PLL
The PLL structure in the ADRV9002 is unique in the sense that
instead of having one dedicated PLL for the receive data path and
a dedicated PLL for the transmit data path, two RF PLLs are in the
device and both PLLs can source the receiver, the transmitter, both
paths, or neither. This flexibility enables the ADRV9002 to meet
various applications that require versatility.
The RF PLL supports the use of both internal and external LO
signals. The internal LO is generated by an on-chip VCO, which is
tunable over a frequency range of 6.5 GHz to 13 GHz. The output
of the VCO is phase-locked to an external reference clock through
a fractional-N PLL that is programmable through the API command.
The VCO outputs are steered through a combination of frequency
dividers to produce in-phase and quadrature phase LO signals in
the 30 MHz to 6 GHz frequency range.
Alternatively, an external LO signal can be applied to the external
LO inputs of the ADRV9002 to generate the LO signals in quadra-
ture for the RF path. If the external LO path is chosen, the input
frequency range is between 60 MHz and 12 GHz.
PLL synthesizers are fractional-N designs that incorporate com-
pletely integrated VCOs and loop filters. In TDD mode, LO distri-
bution paths and receive and transmit data paths turn on and
off as appropriate for the receive and transmit frames. In FDD
mode, the transmit PLL and the receive PLL can be activated
simultaneously. These PLLs require no external components. The
RF LO generation circuits offer a trade-off between performance
and power consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com