Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRV9002BBCZ Datasheet(PDF) 18 Page - Analog Devices

Part # ADRV9002BBCZ
Description  Dual Narrow-Band and Wideband RF Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9002BBCZ Datasheet(HTML) 18 Page - Analog Devices

Back Button ADRV9002BBCZ Datasheet HTML 14Page - Analog Devices ADRV9002BBCZ Datasheet HTML 15Page - Analog Devices ADRV9002BBCZ Datasheet HTML 16Page - Analog Devices ADRV9002BBCZ Datasheet HTML 17Page - Analog Devices ADRV9002BBCZ Datasheet HTML 18Page - Analog Devices ADRV9002BBCZ Datasheet HTML 19Page - Analog Devices ADRV9002BBCZ Datasheet HTML 20Page - Analog Devices ADRV9002BBCZ Datasheet HTML 21Page - Analog Devices ADRV9002BBCZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 100 page
background image
Data Sheet
ADRV9002
SPECIFICATIONS
analog.com
Rev. A | 18 of 100
Table 10. LTE40 One Transmitter and One Receiver (1T1R), LO = 2.5 GHz, High Performance Clock PLL, LVDS SSI
ADRV9002 Mode Conditions
Supply (mA)
Total
Average
Power (W)
VDDA_1P0
Analog
Supplies
VDD_1P0
Digital
Supply
VDDA_1P3
Analog
Supplies
VDDA_1P8
Analog
Supplies
VDD_1P8
Digital
Supply
1 × Transmitter RF Attenuation = 0 dB, Full-Scale Continuous Wave 40 MHz
Transmitter Bandwidth, 61.44 MSPS Data Rate, Transmitter QEC Disabled,
QEC Engine Inactive, and Receiver in Primed State
Not used
140
486
143
28
1.080
1 × Transmitter RF Attenuation = 10 dB, Full-Scale Continuous Wave
40 MHz Transmitter Bandwidth, 61.44 MSPS Data Rate, Transmitter QEC
Disabled, QEC Engine Inactive, and Receiver in Primed State
Not used
141
486
66
28
0.942
1 × Transmitter RF Attenuation = 0 dB, Full-Scale Continuous Wave 40 MHz
Transmitter Bandwidth, 61.44 MSPS Data Rate, Transmitter QEC Enabled,
QEC Engine Active, Receiver in Primed State, Transmitter QEC Tracking
Always On, Observation Receiver Continuously On, and Transmitter Tracking
is Duty Cycled (Practical Scenario)
Not used
232
754
156
28
1.543
1 × Transmitter RF Attenuation = 10 dB, Full-Scale Continuous Wave
40 MHz Transmitter Bandwidth, 61.44 MSPS Data Rate, Transmitter QEC
Enabled, QEC Engine Active, Receiver in Primed State, Transmitter QEC
Tracking Always On, Observation Receiver Continuously On, and Transmitter
Tracking is Duty Cycled (Practical Scenario)
Not used
231
755
79
28
1.405
FDD Operation
Transmit channel enabled, 40 MHz transmitter bandwidth, 61.44 MSPS data rate, transmitter internal LO = 2.4 GHz, transmit QEC disabled,
QEC engine inactive, LVDS SSI. Receive channel enabled, 40 MHz receiver bandwidth, 61.44 MSPS data rate, receiver internal LO = 2.5 GHz,
high performance clock PLL, high performance receiver ADC low rate, receive QEC enabled, and QEC engine active. Using a low power ADC
decreases power consumption by approximately 110 mW per receiver channel. No auxiliary DACs or auxiliary ADCs are enabled.
Table 11. FDD Modes
ADRV9002 Mode Conditions
Supply (mA)
Total Average
Power (W)
VDDA_1P0 Analog
Supplies
VDD_1P0 Digital
Supply
VDDA_1P3 Analog
Supplies
VDDA_1P8 Analog
Supplies
VDD_1P8 Digital
Supply
1 × Receiver, 1 × Transmitter RF
Attenuation = 0 dB, Full-Scale Continuous
Wave
Not used
298
835
179
28
1.756
1 × Receiver, 1 × Transmitter
RF Attenuation = 10 dB, Full-Scale
Continuous Wave
Not used
298
835
103
28
1.619
2 × Receiver, 2 × Transmitter RF
Attenuation = 0 dB, Full-Scale Continuous
Wave
Not used
507
1234
344
53
2.826
2 × Receiver, 2 × Transmitter
RF Attenuation = 10 dB, Full-Scale
Continuous Wave
Not used
507
1234
190
53
2.549
TIMING SPECIFICATIONS
Table 12.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SERIAL PERIPHERAL INTERFACE (SPI) TIMING
tCP
28
ns
SPI_CLK period, 3-wire mode
22
ns
SPI_CLK period, 4-wire mode
tMP
10
ns
SPI_CLK pulse width
tSC
3
ns
SPI_EN setup to first SPI_CLK rising edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com