Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRV9002BBCZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADRV9002BBCZ
Description  Dual Narrow-Band and Wideband RF Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9002BBCZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRV9002BBCZ Datasheet HTML 6Page - Analog Devices ADRV9002BBCZ Datasheet HTML 7Page - Analog Devices ADRV9002BBCZ Datasheet HTML 8Page - Analog Devices ADRV9002BBCZ Datasheet HTML 9Page - Analog Devices ADRV9002BBCZ Datasheet HTML 10Page - Analog Devices ADRV9002BBCZ Datasheet HTML 11Page - Analog Devices ADRV9002BBCZ Datasheet HTML 12Page - Analog Devices ADRV9002BBCZ Datasheet HTML 13Page - Analog Devices ADRV9002BBCZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 100 page
background image
Data Sheet
ADRV9002
SPECIFICATIONS
analog.com
Rev. A | 10 of 100
Table 2. Receivers (Rx1A, Rx1B, Rx2A, and Rx2B)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Wideband
HD3WB
−20 dBm input power continuous wave tone at 5.6 MHz at maximum gain at
Rx input port, f1dB of the TIA = 20 MHz, HD3 product at 16.8 MHz
50 MHz
−84
dBc
470 MHz
−74
dBc
900 MHz
−82
dBc
2400 MHz
−92
dBc
3500 MHz
−93
dBc
5800 MHz
−89
dBc
Narrow-Band
HD3NB
−20 dBm input power continuous wave tone at 2.1 kHz at maximum gain at
Rx input port, f1dB of the TIA = 2 MHz, HD3 product at 6.3 kHz
30 MHz
−102
dBc
470 MHz
−97
dBc
900 MHz
−89
dBc
2400 MHz
−79
dBc
3500 MHz
−80
dBc
5800 MHz
−72
dBc
Low Power Receiver ADCs
Wideband
HD3WB
−20 dBm input power continuous wave tone at 5.6 MHz at maximum gain at
Rx input port, f1dB of the TIA = 20 MHz, HD3 product at 16.8 MHz
50 MHz
−90
dBc
470 MHz
−71
dBc
900 MHz
−79
dBc
2400 MHz
−81
dBc
3500 MHz
−82
dBc
5800 MHz
−84
dBc
Narrow-Band
HD3NB
−20 dBm input power continuous wave tone at 2.1 kHz at maximum gain at
Rx input port, f1dB of the TIA = 2 MHz, HD3 product at 6.3 kHz
30 MHz
−108
dBc
470 MHz
−95
dBc
900 MHz
−89
dBc
2400 MHz
−81
dBc
3500 MHz
−80
dBc
5800 MHz
−71
dBc
SECOND-ORDER HARMONIC
DISTORTION
High Performance Receiver ADCs
Wideband
HD2WB
−20 dBm input power continuous wave tone at 5.6 MHz at maximum gain at
Rx input port, f1dB of the TIA = 20 MHz, HD2 product at 11.2 MHz
50 MHz
−91
dBc
470 MHz
−93
dBc
900 MHz
−93
dBc
2400 MHz
−89
dBc
3500 MHz
−83
dBc
5800 MHz
−82
dBc
Narrow-Band
HD2NB
−20 dBm input power continuous wave tone at 2.1 kHz at maximum gain at
Rx input port, f1dB of the TIA = 2 MHz, HD2 product at 4.2 kHz
30 MHz
−102
dBc
470 MHz
−96
dBc
900 MHz
−90
dBc
2400 MHz
−79
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com