Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3450MT/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LM3450MT/NOPB
Description  LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3450MT/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM3450MT/NOPB Datasheet HTML 10Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 11Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 12Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 13Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 14Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 15Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 16Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 17Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
(
)
OS
THM
COMP
AC
M
MLT
V
V
V
V
K
V
+
-
x
x
=
ON
t
=
PK
P
I
L
-
x
PK
IN
V
-
LM3450
SNVS681D – NOVEMBER 2010 – REVISED MAY 2013
www.ti.com
POWER FACTOR CONTROLLER
The LM3450/50A uses CRM control to regulate the output voltage and provide power factor correction. In a non-
isolated boost topology, an external voltage divider (RFB1, RFB2) is used to sense the output voltage, as shown in
Figure 21. The divider is connected to the inverting input (FB) of the internal error amplifier. The LM3450/50A
regulates the feedback voltage (VFB) to 2.5V in a closed loop fashion.
The FB pin has a shutdown mode to protect against a feedback short and an OVP mode which terminates
switching when output over-voltage is sensed.
With the FB shutdown mode, it is necessary to have a preliminary biasing method for the output of the error
amplifier (COMP). Otherwise, the converter would never start. COMP is pre-biased with a 415µA current until the
voltage at COMP (VCMP) exceeds the minimum operational voltage (VTHM).
For an isolated flyback topology, where the error amplifier is on the secondary, the LM3450/50A internal error
amplifier can be bypassed using a single 5.11k
Ω resistor (RFB1) from FB to GND. This engages an internal 5kΩ
pull-up resistor at COMP. COMP can then be connected directly to the optical isolation as shown in Figure 21.
COMP and the sensed rectified AC input voltage (VAC), provided via a resistor divider (RAC1, RAC2), are inputs to
the multiplier. The current through the sense resistor (RCS) produces a voltage (VCS) that is compared to the
multiplier output. When VCS exceeds the multiplier output, QSW is turned off. The peak detect threshold and the
current slope during an on-time are proportionally changing which yields a nearly constant on-time, shown in
Figure 20:
(4)
Once QSW is turned off, the LM3450/50A waits until the inductor (boost) or transformer (flyback) is demagnetized
to turn QSW on again. Demagnetization, sensed at ZCD, occurs when the current through the magnetic
component falls to zero. Since the output voltage is regulated, the slope of the current remains relatively constant
and, coupled with the variable peak detect, creates a variable off-time.
The sinusoidal peak detection envelope creates an input current that is sinusoidal and in phase with the input
voltage providing excellent PF. The PWM comparator 30mV input offset voltage ensures current is drawn at the
zero-crossings of the AC line, reducing distortion and further improving PF.
CURRENT SENSE
The LM3450/50A senses current through QSW via a sense resistor (RCS) between the source of QSW and GND.
When VCS exceeds the output of the multiplier (VMLT), QSW is turned off. VMLT is variable over the line cycle and is
a function of the scaled rectified AC voltage (VAC), the COMP voltage referenced from its operational minimum
(VCOMP-VTHM), the multiplier gain (KM) and the PWM comparator offset (VOS):
(5)
The LM3450/50A has a leading edge blanking (LEB) circuit that pulls the current sense input to the PWM
comparator low for 140µs at the beginning of each on-time. The LEB blanks the current spike and associated
ringing due to the turn-on transient of QSW, limiting the minimum achievable duty cycle.
OVER CURRENT PROTECTION
The LM3450/50A has a current limit threshold (VLIM = 1.5V) at CS to protect the system from over-current
conditions. If VCS exceeds VLIM, QSW is immediately turned off until ZCD triggers a new on-time.
14
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM3450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com