Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3450MT/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Part # LM3450MT/NOPB
Description  LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3450MT/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM3450MT/NOPB Datasheet HTML 18Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 19Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 20Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 21Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 22Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 23Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 24Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 25Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
1
IIN-MIN-REG
Added
Hold
Current
~VCC
2
3
1
VHOLD
IIN
2
Misfire
1
356 mV
Misfire
2
Original
Angle
VAC
DIN
LM3450
SNVS681D – NOVEMBER 2010 – REVISED MAY 2013
www.ti.com
DYNAMIC HOLD
A forward phase “triac” dimmer requires a minimum amount of current to be flowing through it during the entire
conduction angle. This is referred to as hold current. If the minimum hold current requirement is not met, the triac
will shut off (misfire). During normal operation, the converter will demand some amount of input current.
However, at any point during the cycle, the input current can be low enough to cause a misfire.
During an LM3450/50A sampling period, the triac should not misfire or the decoded angle will be inaccurate as
shown in Figure 32. Since the triac is asymmetrical phase-to-phase, misfires can occur at different points in the
waveform. After the triac misfires, the voltage returns to zero exponentially. This can create a large difference
between decoded angles which can be observed as a “fluttering” of the light.
Figure 32. Forward Phase Waveform
To ensure the triac does not misfire during a sampling period and the angle is correctly decoded, a dynamic hold
function is enabled. The input current is sensed with a resistor (RSEN) from GND to ISEN (the return of the full
bridge rectifier). If the voltage across this resistor is less than 200mV, the device adds holding current via the
HOLD circuitry to maintain 200mV across RSEN.
The hold current is added by linearly adjusting the gate voltage of QHLD as shown in Figure 31. As the gate
voltage of QHLD is increased, the HOLD pin voltage decreases, forcing a voltage across the resistance (RHLD)
from the source of QPS to HOLD. This extra current is drawn from the input through the triac, but is not
processed by the converter. Figure 33 shows a typical dynamic hold waveform of the LM3450 where interval 1 is
a non-sampled conduction angle, 2 is the firing angle, and 3 is a sampled conduction angle. It should be noted
that using the LM3450A will ensure every conduction angle looks like interval 3 in Figure 33.
Figure 33. Dynamic Hold Waveform
22
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM3450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com