Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3450MT/NOPB Datasheet(PDF) 23 Page - Texas Instruments

Part # LM3450MT/NOPB
Description  LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3450MT/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM3450MT/NOPB Datasheet HTML 19Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 20Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 21Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 22Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 23Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 24Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 25Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 26Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
=
I
MAX
-
HOLD
V
CC
:
+ 30
R
HLD
REG
MIN-
IN-
I
=
mV
200
SEN
R
1
356 mV
Turn-off
no bleeder
2
Turn-off
with bleeder
VAC
DIN
LM3450
www.ti.com
SNVS681D – NOVEMBER 2010 – REVISED MAY 2013
The dynamic hold function is also necessary for reverse phase dimmers, but for a different reason. Reverse
phase dimmers do not use triacs, therefore they do not require a minimum “holding” current. Instead, they need
what is commonly called bleeder current. When a reverse phase dimmer turns off, the AC voltage is at a high
value. There is an RC time constant associated with discharging the total effective input capacitance (EMI
capacitors, PFC capacitor, damper capacitance). The decoder does not record the angle until the voltage
reaches the 356mV threshold. This can cause the decoded angle to be much larger than it actually is and
dependent on the RC time constant as shown in Figure 34.
Figure 34. Reverse Phase Waveforms
The dynamic hold will quickly bleed off the excess charge in an attempt to regulate the voltage across RSEN. This
will preserve the accuracy of the decoded phase angle.
During the conduction angle (
θ), dynamic hold is enabled only during a sample period for the LM3450. However,
during the firing angle (delay time), dynamic hold is always enabled with the LM3450. This will ensure the
rectified line voltage does not begin to rise due to leakage currents through the phase dimmer. Again, with the
LM3450A the dynamic hold is continuously active during all conduction and firing angles.
The minimum regulated input current can be calculated:
(7)
The maximum possible additional holding current (which can occur when HOLD is still transitioning usually at the
rising edge of the triac firing) can be approximated:
(8)
It is recommended that the maximum hold current is set 10-15% higher than the minimum regulated input
current.
A minimum of 0.1µF capacitance should be placed between ISEN and HOLD to limit the bandwidth of the dynamic
hold circuit to well below the switching frequency. However, if too large a capacitor is used, the bandwidth will be
too low to respond to line transients. A maximum of 0.47µF should ensure good performance.
Finally, a small Schottky diode should be placed from GND to ISEN to absorb the large current spikes associated
with the triac firing edge. This diode should have a forward voltage above 200mV at the worst-case operating
temperature so that it won’t interfere with dynamic hold regulation.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LM3450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com