Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3450MT/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Part # LM3450MT/NOPB
Description  LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3450MT/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3450MT/NOPB Datasheet HTML 13Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 14Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 15Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 16Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 17Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 18Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 19Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 20Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
DELAY
DELAY
(a)
(b)
(c)
LM3450
www.ti.com
SNVS681D – NOVEMBER 2010 – REVISED MAY 2013
LOW POWER SHUTDOWN
The LM3450/50A can be placed into a low power shutdown by grounding the VADJ pin (any voltage below 75mV).
During low power shutdown, the device will turn on the GATE for one cycle followed by a fixed off-time of 42µs
and the cycle repeats. During shutdown, the DIM output will be high (zero light output) since the buffer rail at
FLT1 will be at or near zero. This feature is designed to hold up the PFC output voltage while removing the load
(turning the LEDs off).
THERMAL SHUTDOWN
Internal thermal shutdown circuitry is provided to protect the IC in the event that the maximum junction
temperature is exceeded. The threshold for thermal shutdown is 160°C with a 20°C hysteresis. During thermal
shutdown GATE is disabled.
Figure 24. Phase Dimming Waveforms
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM3450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com