Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3450MT/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Part # LM3450MT/NOPB
Description  LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3450MT/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM3450MT/NOPB Datasheet HTML 15Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 16Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 17Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 18Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 19Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 20Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 21Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 22Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
356 mV
VAC
DIN
OPTO
0-3V
Analog
Input
VCC
VSB
PWM OUT
Rectified AC
RF1
RF2
CF1
CF2
RPB
RSB
RAC2
RAC1
+
-
DIM
VAC
500k
Transition
LM3450/50A
ANGLE
DEMOD
SAMPLE / REMAP
DIN
DOUT
DIN
DOUT
FLT2
FLT1
VADJ
VREF
3V
REF
500 Hz
LM3450
www.ti.com
SNVS681D – NOVEMBER 2010 – REVISED MAY 2013
Figure 26. Dimming Decoder Circuit
PHASE DIMMING DECODER
The LM3450/50A uses the rectified AC line voltage to interpret the conduction angle. Figure 26 shows the
LM3450/50A decoder circuit with associated external circuitry. The rectified AC line voltage is scaled via a
resistor divider (RAC1, RAC2) and connected to the VAC pin. VAC is compared to a 356mV reference to generate a
twice line frequency PWM signal with corresponding duty cycle as shown in Figure 27.
Figure 27. Phase Angle Demodulation
For best results, RAC1 and RAC2 are suggested to be sized so that the VAC voltage crosses the 356mV threshold
when the rectified AC line is as follows:
•
120V systems: 25V to 45V
•
230V systems: 40V to 70V
The demodulated duty cycle is sampled and logarithmically remapped to a 300Hz PWM signal improving the
resolution of low dimming levels to the human eye. A minimum duty cycle limits the maximum achievable
contrast ratio to approximately 70:1. The remapped PWM signal is buffered and output at FLT1 with amplitude
equal to VADJ as shown in Figure 28.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM3450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com