Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3450MT/NOPB Datasheet(PDF) 34 Page - Texas Instruments

Part # LM3450MT/NOPB
Description  LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3450MT/NOPB Datasheet(HTML) 34 Page - Texas Instruments

Back Button LM3450MT/NOPB Datasheet HTML 30Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 31Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 32Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 33Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 34Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 35Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 36Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 37Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
23-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
LM3450AMT/NOPB
Active
Production
TSSOP (PW) | 16
92 | TUBE
Yes
NIPDAU | SN
Level-1-260C-UNLIM
-
LM3450
AMT
LM3450AMT/NOPB.A
Active
Production
TSSOP (PW) | 16
92 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
LM3450
AMT
LM3450AMTX/NOPB
Active
Production
TSSOP (PW) | 16
2500 | LARGE T&R
Yes
NIPDAU | SN
Level-1-260C-UNLIM
-
LM3450
AMT
LM3450AMTX/NOPB.A
Active
Production
TSSOP (PW) | 16
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
LM3450
AMT
LM3450MT/NOPB
Active
Production
TSSOP (PW) | 16
92 | TUBE
Yes
NIPDAU | SN
Level-1-260C-UNLIM
-40 to 125
LM3450
MT
LM3450MT/NOPB.A
Active
Production
TSSOP (PW) | 16
92 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
LM3450
MT
LM3450MTX/NOPB
Active
Production
TSSOP (PW) | 16
2500 | LARGE T&R
Yes
NIPDAU | SN
Level-1-260C-UNLIM
-40 to 125
LM3450
MT
LM3450MTX/NOPB.A
Active
Production
TSSOP (PW) | 16
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
LM3450
MT
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
(5) MSL rating/Peak reflow: The moisture sensitivity level ratings and peak solder (reflow) temperatures. In the event that a part has multiple moisture sensitivity ratings, only the lowest level per JEDEC standards is shown.
Refer to the shipping label for the actual reflow temperature that will be used to mount the part to the printed circuit board.
(6) Part marking: There may be an additional marking, which relates to the logo, the lot trace code information, or the environmental category of the part.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com