Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3450MT/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Part # LM3450MT/NOPB
Description  LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3450MT/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM3450MT/NOPB Datasheet HTML 14Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 15Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 16Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 17Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 18Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 19Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 20Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 21Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
BRIGHT
DIM
R1MAX
250 k:
DIAC
R2
3.3 k:
C1
100 nF
LOAD
AC
MAINS
TRIAC
FORWARD PHASE DIMMER
LM3450
SNVS681D – NOVEMBER 2010 – REVISED MAY 2013
www.ti.com
PHASE DIMMER OPERATION
A simplified schematic of a phase dimmer is shown in Figure 25. An RC network consisting of R1, R2, and C1
delay the turn-on of the triac until the voltage on C1 reaches the trigger voltage of the diac. Increasing the
resistance of the potentiometer (wiper moving downward) increases the turn-on delay which decreases the on-
time or “conduction angle” of the triac (
θ). This reduces the average power delivered to the load.
Figure 25. Basic Forward Phase Dimmer
Phase dimmer voltage waveforms are shown in Figure 24.
Figure 24a shows the full sinusoid of the input voltage. Even when set to full brightness; few dimmers will provide
100% conduction angle.
Figure 24b shows a waveform from a forward phase dimmer. The off-time can be referred to as the firing angle
and is simply 180° –
θ.
Figure 24c shows the waveform of a reverse phase dimmer (also called an electronic dimmer in the lighting
industry). These typically or more expensive, microcontroller based dimmers that use switching devices other
than triacs. Note that the conduction angle starts from the zero-crossing, and terminates some time later. This
method of control reduces the noise spike at the transition.
Any form of phase dimming modulates the incoming AC waveform by chopping part of the sinusoid, reducing the
average power to the load. These dimmers work very well with standard incandescent bulbs, but not with power
converters. A converter attempts to regulate the load in with presence of any input, effectively ignoring the phase
angle. To implement a dimmable converter, the angle must be sensed at the input, decoded and used to properly
control the LED current regulator.
18
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM3450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com