Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3450MT/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Part # LM3450MT/NOPB
Description  LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3450MT/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM3450MT/NOPB Datasheet HTML 12Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 13Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 14Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 15Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 16Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 17Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 18Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 19Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
VOUT
VSB
LMV431
COMP
OPTO
5V
LM3450/50A
5k
RFB2
RFB1
RSC
CSC
RSBS
CCMP
SOFT
START
FB
RFB
LM3450
SNVS681D – NOVEMBER 2010 – REVISED MAY 2013
www.ti.com
If the COMP pin voltage (VCMP) falls below 1.4V at any time, the device enters burst mode where the GATE is off
for 340µs then is turned on. If VCMP is still below 1.4V at the end of the on-time then another 340µs off-time
occurs. However, if VCMP has risen above 1.4V, the converter continues switching until it falls below the threshold
again. This feature is necessary to prevent the output of the converter from rising arbitrarily high because the
minimum on-time of the device prevents less energy transfer.
The LM3450/50A also implements both feedback short circuit protection and output over-voltage protection
(OVP) functions at the FB pin. If VFB exceeds 3V, then OVP is engaged and the part stops switching until VFB
falls below 3V. In the same manner, if VFB falls below 168mV, then shutdown is engaged and switching stops
until VFB exceeds 188mV.
The flyback topology is frequently used to provide isolation from input to output. Since, the current transfer ratio
(CTR) of standard optical isolation varies over temperature, proper regulation using primary error amplifiers is
difficult. An error amplifier is usually placed in the secondary to regulate the output voltage accurately. To
accommodate isolated designs, the LM3450/50A internal error amplifier can be bypassed by placing a 5.11k
Ω
resistor from FB to GND. This engages a 5k
Ω pull-up resistor from COMP to an internal 5V rail.
SECONDARY ERROR AMPLIFIER
For isolated designs, the error amplifier on the secondary should take the form of a proportional integral (PI)
compensator. The amplifier is frequently implemented with an LMV431. The output voltage resistor divider (RFB1,
RFB2) provides the sensed output voltage to the LMV431 inverting input. The PI compensation is achieved by
connecting RSC and CSC in between the LMV431 input and output, shown in Figure 23. In addition, CCMP is
placed from COMP to GND on the primary for higher frequency noise attenuation.
In addition to the basic error amplifier, a soft-start circuit can be implemented using a capacitor, two diodes and a
Zener diode as shown in Figure 23. This secondary softstart circuit has no restart mechanism, therefore a
primary side softstart is recommended as described in the SOFTSTART section of this document.
Figure 23. Secondary Error Amplifier
PRECISION VOLTAGE REFERENCE
The LM3450/50A provides a 3V voltage reference (VREF) for biasing the VADJ pin as well as any external circuitry.
VREF is regulated once VCC exceeds 3V. There is a 2mA current limit for the reference. A 10nF ceramic bypass
capacitor should be placed from VREF to GND.
16
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM3450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com