| Electronic Components Datasheet Search |
|
S25FL256SDPBFAQ Datasheet(PDF) 31 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
S25FL256SDPBFAQ Datasheet(HTML) 31 Page - Cypress Semiconductor |
|
31 / 149 page ![]() Document Number: 001-98283 Rev. *M Page 30 of 148 S25FL128S/S25FL256S 5.3.2 Hardware (Warm) Reset When the RESET# input transitions from VIH to VIL the device will reset register states in the same manner as power-on reset but, does not go through the full reset process that is performed during POR. The hardware reset process requires a period of tRPH to complete. If the POR process did not complete correctly for any reason during power-up (tPU), RESET# going low will initiate the full POR process instead of the hardware reset process and will require tPU to complete the POR process. The RESET# input provides a hardware method of resetting the flash memory device to standby state. RESET# must be high for tRS following tPU or tRPH, before going low again to initiate a hardware reset. When RESET# is driven low for at least a minimum period of time (tRP), the device terminates any operation in progress, tri-states all outputs, and ignores all read/write commands for the duration of tRPH. The device resets the interface to standby state. If CS# is low at the time RESET# is asserted, CS# must return high during tRPH before it can be asserted low again after tRH. Hardware Reset is only offered in 16-lead SOIC and BGA packages. Figure 29. Hardware Reset Notes: 1. RESET# Low is optional and ignored during Power-up (tPU). If Reset# is asserted during the end of tPU, the device will remain in the reset state and tRH will determine when CS# may go Low. 2. Sum of tRP and tRH must be equal to or greater than tRPH. Table 11. Hardware Reset Parameters Parameter Description Limit Time Unit tRS Reset Setup — Prior Reset end and RESET# high before RESET# low Min 50 ns tRPH Reset Pulse Hold - RESET# low to CS# low Min 35 µs tRP RESET# Pulse Width Min 200 ns tRH Reset Hold - RESET# high before CS# low Min 50 ns RESET# CS# Any prior reset tRS tRP tRH tRH tRPH tRPH |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |