Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL256SDPBFAQ Datasheet(PDF) 33 Page - Cypress Semiconductor

Part # S25FL256SDPBFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPBFAQ Datasheet(HTML) 33 Page - Cypress Semiconductor

Back Button S25FL256SDPBFAQ Datasheet HTML 29Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 30Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 31Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 32Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 33Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 34Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 35Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 36Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 37Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 32 of 148
S25FL128S/S25FL256S
Notes:
1. Only applicable as a constraint for WRR instruction when SRWD is set to a 1.
2. CL = 30 pF.
3. CL = 15 pF.
4. ±10% duty cycle is supported for frequencies
 50 MHz.
5. Maximum value only applies during Program/Erase Suspend/Resume commands.
Table 13. AC Characteristics (Single Die Package, VIO 1.65V to 2.7V, VCC 2.7V to 3.6V)
Symbol
Parameter
Min
Typ
Max
Unit
FSCK, R
SCK Clock Frequency for READ, 4READ
instructions
DC
50
MHz
FSCK, C
SCK Clock Frequency for all others (3)
DC
66
MHz
PSCK
SCK Clock Period
1/ FSCK
tWH, tCH
Clock High Time (4)
45% PSCK
ns
tWL, tCL
Clock Low Time (4)
45% PSCK
ns
tCRT, tCLCH Clock Rise Time (slew rate)
0.1
V/ns
tCFT, tCHCL Clock Fall Time (slew rate)
0.1
V/ns
tCS
CS# High Time (Read Instructions)
CS# High Time (Program/Erase)
10
50
ns
tCSS
CS# Active Setup Time (relative to SCK)
10
ns
tCSH
CS# Active Hold Time (relative to SCK)
3
3000 (5)
ns
tSU
Data in Setup Time
5
ns
tHD
Data in Hold Time
4
ns
tV
Clock Low to Output Valid
14.5 (2)
12.0 (3)
ns
tHO
Output Hold Time
2
ns
tDIS
Output Disable Time
0
14
ns
tWPS
WP# Setup Time
20 (1)
ns
tWPH
WP# Hold Time
100 (1)
ns
tHLCH
HOLD# Active Setup Time (relative to SCK)
5
ns
tCHHH
HOLD# Active Hold Time (relative to SCK)
5
ns
tHHCH
HOLD# Non Active Setup Time (relative to SCK)
5
ns
tCHHL
HOLD# Non Active Hold Time (relative to SCK)
5
ns
tHZ
HOLD# enable to Output Invalid
14
ns
tLZ
HOLD# disable to Output Valid
14
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com