Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL256SDPBFAQ Datasheet(PDF) 76 Page - Cypress Semiconductor

Part # S25FL256SDPBFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPBFAQ Datasheet(HTML) 76 Page - Cypress Semiconductor

Back Button S25FL256SDPBFAQ Datasheet HTML 72Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 73Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 74Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 75Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 76Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 77Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 78Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 79Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 80Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 75 of 148
S25FL128S/S25FL256S
9.3.5
Bank Register Write (BRWR 17h)
The Bank Register Write (BRWR) command is used to write address bits above A23, into the Bank Address Register (BAR). The
command is also used to write the Extended address control bit (EXTADD) that is also in BAR[7]. BAR provides the high order
addresses needed by devices having more than 128 Mbits (16 Mbytes), when using 3-byte address commands without extended
addressing enabled (BAR[7] EXTADD = 0). Because this command is part of the addressing method and is not changing data in the
flash memory, this command does not require the WREN command to precede it.
The BRWR instruction is entered, followed by the data byte on SI. The Bank Register is one data byte in length.
The BRWR command has no effect on the P_ERR, E_ERR or WIP bits of the Status and Configuration Registers. Any bank address
bit reserved for the future should always be written as a 0.
Figure 47. Bank Register Write (BRWR) Command
9.3.6
Bank Register Access (BRAC B9h)
The Bank Register Read and Write commands provide full access to the Bank Address Register (BAR) but they are both commands
that are not present in legacy SPI memory devices. Host system SPI memory controller interfaces may not be able to easily support
such new commands. The Bank Register Access (BRAC) command uses the same command code and format as the Deep Power
Down (DPD) command that is available in legacy SPI memories. The FL-S family does not support a DPD feature but assigns this
legacy command code to the BRAC command to enable write access to the Bank Address Register for legacy systems that are able
to send the legacy DPD (B9h) command.
When the BRAC command is sent, the FL-S family device will then interpret an immediately following Write Register (WRR)
command as a write to the lower address bits of the BAR. A WREN command is not used between the BRAC and WRR commands.
Only the lower two bits of the first data byte following the WRR command code are used to load BAR[1:0]. The upper bits of that byte
and the content of the optional WRR command second data byte are ignored. Following the WRR command the access to BAR is
closed and the device interface returns to the standby state. The combined BRAC followed by WRR command sequence has no
affect on the value of the ExtAdd bit (BAR[7]).
Commands other than WRR may immediately follow BRAC and execute normally. However, any command other than WRR, or any
other sequence in which CS# goes low and returns high, following a BRAC command, will close the access to BAR and return to the
normal interpretation of a WRR command as a write to Status Register-1 and the Configuration Register.
The BRAC + WRR sequence is allowed only when the device is in standby, program suspend, or erase suspend states. This
command sequence is illegal when the device is performing an embedded algorithm or when the program (P_ERR) or erase
(E_ERR) status bits are set to 1.
Instruction
Bank Register In
1
3
210
9
8
7
6
5
4
0
14
13
12
11
15
1
32
0
76
5
4
SCK
SI
SO
MSB
High Impedance
CS#
0
1
7
6
5
4
3
2
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com