Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL256SDPBFAQ Datasheet(PDF) 51 Page - Cypress Semiconductor

Part # S25FL256SDPBFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPBFAQ Datasheet(HTML) 51 Page - Cypress Semiconductor

Back Button S25FL256SDPBFAQ Datasheet HTML 47Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 48Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 49Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 50Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 51Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 52Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 53Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 54Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 55Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 50 of 148
S25FL128S/S25FL256S
7.5.2
Configuration Register 1 (CR1)
Related Commands: Read Configuration Register (RDCR 35h), Write Registers (WRR 01h). The Configuration Register bits can be
changed using the WRR command with sixteen input cycles.
The configuration register controls certain interface and data protection functions.
Latency Code (LC) CR1[7:6]:
The Latency Code selects the number of mode and dummy cycles between the end of address and
the start of read data output for all read commands.
Some read commands send mode bits following the address to indicate that the next command will be of the same type with an
implied, rather than an explicit, instruction. The next command thus does not provide an instruction byte, only a new address and
mode bits. This reduces the time needed to send each command when the same command type is repeated in a sequence of
commands.
Dummy cycles provide additional latency that is needed to complete the initial read access of the flash array before data can be
returned to the host system. Some read commands require additional latency cycles as the SCK frequency is increased.
The following latency code tables provide different latency settings that are configured by Cypress. The High Performance versus
the Enhanced High Performance settings are selected by the ordering part number.
Where mode or latency (dummy) cycles are shown in the tables as a dash, that read command is not supported at the frequency
shown. Read is supported only up to 50 MHz but the same latency value is assigned in each latency code and the command may be
used when the device is operated at
 50 MHz with any latency code setting. Similarly, only the Fast Read command is supported
up to 133 MHz but the same 10b latency code is used for Fast Read up to 133 MHz and for the other dual and quad read commands
up to 104 MHz. It is not necessary to change the latency code from a higher to a lower frequency when operating at lower
frequencies where a particular command is supported. The latency code values for a higher frequency can be used for accesses at
lower frequencies.
The High Performance settings provide latency options that are the same or faster than alternate source SPI memories. These
settings provide mode bits only for the Quad I/O Read command.
The Enhanced High Performance settings similarly provide latency options the same or faster than additional alternate source SPI
memories and adds mode bits for the Dual I/O Read, DDR Fast Read, and DDR Dual I/O Read commands.
Table 25. Configuration Register 1(CR1)
Bits
Field Name
Function
Type
Default
State
Description
7
LC1
Latency Code
Non-Volatile
0
Selects number of initial read latency cycles
See Latency Code Tables
6
LC0
0
5
TBPROT
Configures Start of
Block Protection
OTP
0
1 = BP starts at bottom (Low address)
0 = BP starts at top (High address)
4
RFU
RFU
OTP
0
Reserved for Future Use
3
BPNV
Configures BP2-0 in
Status Register
OTP
0
1 = Volatile
0 = Non-Volatile
2
TBPARM
Configures Parame-
ter Sectors location
OTP
0
1 = 4-kB physical sectors at top, (high address)
0 = 4-kB physical sectors at bottom (Low address)
RFU in uniform sector devices
1
QUAD
Puts the device into
Quad I/O operation
Non-Volatile
0
1 = Quad
0 = Dual or Serial
0
FREEZE
Lock current state of
BP2-0 bits in Status
Register, TBPROT
and TBPARM in
Configuration Regis-
ter, and OTP regions
Volatile
0
1 = Block Protection and OTP locked
0 = Block Protection and OTP un-locked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com