Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL256SDPBFAQ Datasheet(PDF) 96 Page - Cypress Semiconductor

Part # S25FL256SDPBFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPBFAQ Datasheet(HTML) 96 Page - Cypress Semiconductor

Back Button S25FL256SDPBFAQ Datasheet HTML 92Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 93Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 94Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 95Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 96Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 97Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 98Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 99Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 100Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 95 of 148
S25FL128S/S25FL256S
Figure 9.24 DDR Fast Read Initial Access (4-byte Address, 0Eh or 0Dh [ExtAdd=1], EHPLC=01b)
Note:
1. Example DLP of 34h (or 00110100).
Figure 9.25 Continuous DDR Fast Read Subsequent Access (4-byte Address [ExtAdd=1], EHPLC=01b)
Note:
1. Example DLP of 34h (or 00110100).
Figure 9.26 DDR Fast Read Subsequent Access (4-byte Address, HPLC=01b)
0
1
2
3
4
5
6
7
8
23
24
25
26
27
28
29
30
31
32
33
34
35
36
Instruction
32b Add
Mode
Optional DLP
per data
8 cycles
16 cycles
4 cycles
4 cycles Dummy
4 cycles
7
6
5
4
3
2
1
0
31
22
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
CS#
SCK
SI
SO
0
1516
17181920
21
22
23
242526
2728
32b Add
Mode
Optional DLP
per data
16 cycles
4 cycles
4 cycles Dummy
4 cycles
31
22
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
CS#
SCK
SI
SO
0
1
2
3
4
5
6
7
8
23
24
25
26
27
28
29
30
31
32
33
34
Instruction
32b Add
Dummy
per data
8 cycles
16 cycles
6 cycles
4 cycles
7
6
5
4
3
2
1
0
31 22 1
0
7
6
5
4
3
2
1
0
7
6
CS#
SCK
SI
SO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com