Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL256SDPBFAQ Datasheet(PDF) 99 Page - Cypress Semiconductor

Part # S25FL256SDPBFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPBFAQ Datasheet(HTML) 99 Page - Cypress Semiconductor

Back Button S25FL256SDPBFAQ Datasheet HTML 95Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 96Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 97Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 98Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 99Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 100Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 101Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 102Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 103Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 98 of 148
S25FL128S/S25FL256S
9.4.9
DDR Quad I/O Read (EDh, EEh)
The Read DDR Quad I/O command improves throughput with four I/O signals - IO0-IO3. It is similar to the Quad I/O Read command
but allows input of the address four bits on every edge of the clock. In some applications, the reduced instruction overhead might
allow for code execution (XIP) directly from S25FL128S and S25FL256S devices. The QUAD bit of the Configuration Register must
be set (CR Bit1=1) to enable the Quad capability.
The instruction
EDh (ExtAdd=0) is followed by a 3-byte address (A23-A0) or
EDh (ExtAdd=1) is followed by a 4-byte address (A31-A0) or
EEh is followed by a 4-byte address (A31-A0)
The address is followed by mode bits. Then the memory contents, at the address given, is shifted out, in a DDR fashion, with four
bits at a time on each clock edge through IO0-IO3.
The maximum operating clock frequency for Read DDR Quad I/O command is 80 MHz.
For Read DDR Quad I/O, there is a latency required after the last address and mode bits are shifted into the IO0-IO3 signals before
data begins shifting out of IO0-IO3. This latency period (dummy cycles) allows the device’s internal circuitry enough time to access
the initial address. During these latency cycles, the data value on IO0-IO3 are “don’t care” and may be high impedance. When the
Data Learning Pattern (DLP) is enabled the host system must not drive the IO signals during the dummy cycles. The IO signals must
be left high impedance by the host so that the memory device can drive the DLP during the dummy cycles.
There are different ordering part numbers that select the latency code table used for this command, either the High Performance LC
(HPLC) table or the Enhanced High Performance LC (EHPLC) table. The number of dummy cycles is determined by the frequency
of SCK (refer to Table 27 on page 51). The number of dummy cycles is set by the LC bits in the Configuration Register (CR1).
Both latency tables provide cycles for mode bits so a series of Quad I/O DDR commands may eliminate the 8 bit instruction after the
first command sends a complementary mode bit pattern, as shown in Figure 9.30 and Figure 9.32. This feature removes the need
for the eight bit SDR instruction sequence and dramatically reduces initial access times (improves XIP performance). The Mode bits
control the length of the next Read DDR Quad I/O operation through the inclusion or exclusion of the first byte instruction code. If the
upper nibble (IO[7:4]) and lower nibble (IO[3:0]) of the Mode bits are complementary (i.e. 5h and Ah) the device transitions to
Continuous Read DDR Quad I/O Mode and the next address can be entered (after CS# is raised high and then asserted low)
without requiring the EDh or EEh instruction, as shown in Figure 9.31 on page 99 and Figure 9.33 on page 100 thus, eliminating
eight cycles from the command sequence. The following sequences will release the device from Continuous Read DDR Quad I/O
mode; after which, the device can accept standard SPI commands:
1. During the Read DDR Quad I/O Command Sequence, if the Mode bits are not complementary the next time CS# is raised
high and then asserted low the device will be released from Read DDR Quad I/O mode.
2. During any operation, if CS# toggles high to low to high for eight cycles (or less) and data input (IO0, IO1, IO2, and IO3)
are not set for a valid instruction sequence, then the device will be released from Read DDR Quad I/O mode.
The address can start at any byte location of the memory array. The address is automatically incremented to the next higher address
in sequential order after each byte of data is shifted out. The entire memory can therefore be read out with one single read
instruction and address 000000h provided. When the highest address is reached, the address counter will wrap around and roll back
to 000000h, allowing the read sequence to be continued indefinitely.
CS# should not be driven high during mode or dummy bits as this may make the mode bits indeterminate. The HOLD function is not
valid during Quad I/O DDR commands.
Note that the memory devices drive the IOs with a preamble prior to the first data value. The preamble is a pattern that is used by the
host controller to optimize data capture at higher frequencies. The preamble drives the IO bus for the four clock cycles immediately
before data is output. The host must be sure to stop driving the IO bus prior to the time that the memory starts outputting the
preamble.
The preamble is intended to give the host controller an indication about the round trip time from when the host drives a clock edge to
when the corresponding data value returns from the memory device. The host controller will skew the data capture point during the
preamble period to optimize timing margins and then use the same skew time to capture the data during the rest of the read
operation. The optimized capture point will be determined during the preamble period of every read operation. This optimization
strategy is intended to compensate for both the PVT (process, voltage, temperature) of both the memory device and the host
controller as well as any system level delays caused by flight time on the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com