Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL256SDPBFAQ Datasheet(PDF) 82 Page - Cypress Semiconductor

Part # S25FL256SDPBFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPBFAQ Datasheet(HTML) 82 Page - Cypress Semiconductor

Back Button S25FL256SDPBFAQ Datasheet HTML 78Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 79Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 80Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 81Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 82Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 83Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 84Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 85Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 86Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 81 of 148
S25FL128S/S25FL256S
Figure 56. AutoBoot Sequence (CR1[1]=1)
9.3.13 AutoBoot Register Read (ABRD 14h)
The AutoBoot Register Read command is shifted into SI. Then the 32-bit AutoBoot Register is shifted out on SO, least significant
byte first, most significant bit of each byte first. It is possible to read the AutoBoot Register continuously by providing multiples of 32
clock cycles. If the QUAD bit CR1[1] is cleared to 0, the maximum operating clock frequency for ABRD command is 133 MHz. If the
QUAD bit CR1[1] is set to 1, the maximum operating clock frequency for ABRD command is 104 MHz.
Figure 57. AutoBoot Register Read (ABRD) Command
-
-
-n+2
n+1
n
-
-
-
0
n+7
n+6
n+5
n+4
Wait State
tWS
5
51
1
51
51
n+9
n+8
SCK
IO0
IO1
High Impedance
DATA OUT 1
5
CS#
n+3
4
4
40
0
040
High Impedance
4
6
62
2
6262
High Impedance
6
IO2
7
73
3
7373
High Impedance
MSB
7
IO3
24
25
7
6
5
4
26
1
3
210
9
8
7
6
5
4
0
38
37
11
Instruction
SCK
SO
High Impedance
MSB
AutoBoot Register
SI
39
40
MSB
7
CS#
0
1
7
6
5
4
3
2
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com