Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL256SDPBFAQ Datasheet(PDF) 25 Page - Cypress Semiconductor

Part # S25FL256SDPBFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPBFAQ Datasheet(HTML) 25 Page - Cypress Semiconductor

Back Button S25FL256SDPBFAQ Datasheet HTML 21Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 22Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 23Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 24Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 25Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 26Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 27Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 28Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 29Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 24 of 148
S25FL128S/S25FL256S
4.3.2
Temperature Ranges
Note:
1. Industrial Plus operating and performance parameters will be determined by device characterization and may vary from standard industrial temperature range devices
as currently shown in this specification.
4.3.3
Input Signal Overshoot
During DC conditions, input or I/O signals should remain equal to or between VSS and VIO. During voltage transitions, inputs or I/Os
may overshoot VSS to –2.0V or overshoot to VIO +2.0V, for periods up to 20 ns.
Figure 19. Maximum Negative Overshoot Waveform
Figure 20. Maximum Positive Overshoot Waveform
Parameter
Symbol
Device
Spec
Unit
Min
Max
Ambient Temperature
TA
Industrial (I)
–40
+85
°C
Industrial Plus (V)
–40
+105
Extended (N)
–40
+125
Automotive, AEC-Q100 Grade 3 (A)
–40
+85
Automotive, AEC-Q100 Grade 2 (B)
–40
+105
Automotive AEC-Q100 Grade 1 (M)
–40
+125
VIL
- 2.0V
20 ns
20 ns
20 ns
VIH
VIO + 2.0V
20 ns
20 ns
20 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com