Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL256SDPBFAQ Datasheet(PDF) 124 Page - Cypress Semiconductor

Part # S25FL256SDPBFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPBFAQ Datasheet(HTML) 124 Page - Cypress Semiconductor

Back Button S25FL256SDPBFAQ Datasheet HTML 120Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 121Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 122Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 123Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 124Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 125Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 126Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 127Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 128Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 123 of 148
S25FL128S/S25FL256S
60
BE
Bulk Erase
133
6B
QOR
Read Quad Out (3- or 4-byte address)
104
6C
4QOR
Read Quad Out (4-byte address)
104
75
ERSP
Erase Suspend
133
7A
ERRS
Erase Resume
133
85
PGSP
Program Suspend
133
8A
PGRS
Program Resume
133
90
READ_ID (REMS)
Read Electronic Manufacturer Signature
133
9F
RDID
Read ID (JEDEC Manufacturer ID and JEDEC
CFI)
133
A3
MPM
Reserved for Multi-I/O-High Perf Mode (MPM)
133
A6
PLBWR
PPB Lock Bit Write
133
A7
PLBRD
PPB Lock Bit Read
133
AB
RES
Read Electronic Signature
50
B9
BRAC
Bank Register Access
(Legacy Command formerly used for Deep
Power Down)
133
BB
DIOR
Dual I/O Read (3- or 4-byte address)
104
BC
4DIOR
Dual I/O Read (4-byte address)
104
BD
DDRDIOR
DDR Dual I/O Read (3- or 4-byte address)
80
BE
4DDRDIOR
DDR Dual I/O Read (4-byte address)
80
C7
BE
Bulk Erase (alternate command)
133
D8
SE
Erase 64 kB or 256 kB (3- or 4-byte address)
133
DC
4SE
Erase 64 kB or 256 kB (4-byte address)
133
E0
DYBRD
DYB Read
133
E1
DYBWR
DYB Write
133
E2
PPBRD
PPB Read
133
E3
PPBP
PPB Program
133
E4
PPBE
PPB Erase
133
E5
Reserved-E5
Reserved
E6
Reserved-E6
Reserved
E7
PASSRD
Password Read
133
E8
PASSP
Password Program
133
E9
PASSU
Password Unlock
133
EB
QIOR
Quad I/O Read (3- or 4-byte address)
104
EC
4QIOR
Quad I/O Read (4-byte address)
104
ED
DDRQIOR
DDR Quad I/O Read (3- or 4-byte address)
80
EE
4DDRQIOR
DDR Quad I/O Read (4-byte address)
80
F0
RESET
Software Reset
133
FF
MBR
Mode Bit Reset
133
Table 53. S25FL128S and S25FL256S Instruction Set (sorted by instruction) (Continued)
Instruction (Hex)
Command Name
Command Description
Maximum Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com