Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL256SDPBFAQ Datasheet(PDF) 129 Page - Cypress Semiconductor

Part # S25FL256SDPBFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPBFAQ Datasheet(HTML) 129 Page - Cypress Semiconductor

Back Button S25FL256SDPBFAQ Datasheet HTML 125Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 126Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 127Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 128Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 129Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 130Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 131Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 132Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 133Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 128 of 148
S25FL128S/S25FL256S
Table 61. CFI Alternate Vendor-Specific Extended Query Parameter 0
Parameter Relative
Byte Address
Offset
Data
Description
00h
00h
Parameter ID (Ordering Part Number)
01h
10h
Parameter Length (The number of following bytes in this parameter. Adding this value
to the current location value +1 = the first byte of the next parameter)
02h
53h
ASCII “S” for manufacturer (Cypress)
03h
32h
ASCII “25” for Product Characters (Single Die SPI)
04h
35h
05h
46h
ASCII “FL” for Interface Characters (SPI 3 Volt)
06h
4Ch
07h
31h (128 Mb)
32h (256 Mb)
ASCII characters for density
08h
32h (128 Mb)
35h (256 Mb)
09h
38h (128 Mb)
36h (256 Mb)
0Ah
53h
ASCII “S” for Technology (65 nm MirrorBit)
0Bh
xxh
Reserved for Future Use (RFU)
0Ch
0Dh
0Eh
0Fh
10h
11h
Table 62. CFI Alternate Vendor-Specific Extended Query Parameter 80h Address Options
Parameter Relative
Byte Address Off-
set
Data
Description
00h
80h
Parameter ID (address options)
01h
01h
Parameter Length (The number of following bytes in this parameter. Adding this value
to the current location value +1 = the first byte of the next parameter)
02h
F0h
Bits 7:4 - Reserved = 1111b
Bit 3 - AutoBoot support - Ye s= 0b, No = 1b
Bit 2 - 4-byte address instructions supported - Yes = 0b, No = 1b
Bit 1 - Bank address + 3-byte address instructions supported - Yes = 0b, No = 1b
Bit 0 - 3-byte address instructions supported - Yes = 0b, No = 1b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com