Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL256SDPBFAQ Datasheet(PDF) 147 Page - Cypress Semiconductor

Part # S25FL256SDPBFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPBFAQ Datasheet(HTML) 147 Page - Cypress Semiconductor

Back Button S25FL256SDPBFAQ Datasheet HTML 141Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 142Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 143Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 144Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 145Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 146Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 147Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 148Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 149Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 147 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 146 of 148
S25FL128S/S25FL256S
*G
–
BWHA
10/10/2014
Global:
Added Extended Temperature Range: -40°C to 125°C
SDR AC Characteristics:
AC Characteristics (Single Die Package, VIO = VCC 2.7V to 3.6V) table: corrected tSU
Min
Configuration Register 1 (CR1):
Latency Codes for DDR Enhanced High Performance table: added 80 MHz
DDR Fast Read (DDRFR 0Dh, 4DDRFR 0Eh):
Updated figures:
Continuous DDR Fast Read Subsequent Access (3-byte Address [ExtAdd=0,
EHPLC=11b])
Continuous DDR Fast Read Subsequent Access (4-byte Address [ExtAdd=1],
EHPLC=01b)
Initial Delivery State:
ASP Register Content table: removed ASPR Default Value row FE4Fh
Ordering Information FL128S and FL256S:
Added Extended Temperature Range: -40°C to 125°C
Updated Valid Combinations table
*H
–
BWHA
05/09/2015
Global:
Updated description of DDR commands to reflect maximum operating clock frequency
of 80 MHz (from 66 MHz)
Command Set Summary:
S25FL128S and S25FL256S Command Set (sorted by function) table: changed max
DDR frequency from 66 MHz to 80 MHz for all applicable DDR commands
Software Interface Reference:
S25FL128S and S25FL256S Instruction Set (sorted by instruction) table: changed max
DDR frequency from 66 MHz to 80 MHz for all applicable DDR commands
Valid Combinations:
Corrected the Package Marking for DS Speed Option
*I
4871631
BWHA
08/24/2015
Replaced “Automotive Temperature Range” with “Industrial Plus Temperature Range” in
all instances across the document.
Updated Signal Descriptions:
Updated Versatile I/O Power Supply (VIO):
Updated description.
Updated to Cypress template.
*J
5348895
TOCU
09/22/2016
Added ECC related information in all instances across the document.
Added Automotive Temperature Range related information in all instances across the
document.
Added Logic Block Diagram.
Updated Electrical Specifications:
Added Thermal Resistance.
Updated Operating Ranges:
Updated Table 6:
Updated minimum value of VCC (low) parameter.
Changed minimum value of tPD parameter from 1.0 µs to 15.0 µs.
Updated Timing Specifications:
Updated SDR AC Characteristics:
Updated Table 12:
Removed Note “For Industrial Plus (-40°C to +105°C) and Extended (-40°C to +125°C)
temperature range, all SCK clock frequencies are 5% slower than the Max values
shown.” and its references.
Updated Table 13:
Removed Note “For Industrial Plus (-40°C to +105°C) and Extended (-40°C to +125°C)
temperature range, all SCK clock frequencies are 5% slower than the Max values
shown.” and its references.
Updated DDR AC Characteristics:
Updated Table 14:
Removed Note “For Industrial Plus (-40°C to +105°C) and Extended (-40°C to +125°C)
temperature range, all SCK clock frequencies are 5% slower than the Max values
shown.” and its references.
Document Title: S25FL128S/S25FL256S, 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 3.0V SPI Flash Memory
Document Number: 001-98283
Rev.
ECN No.
Orig. of
Change
Submission
Date
Description of Change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com