Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F207ICH7 Datasheet(PDF) 139 Page - STMicroelectronics

Part # STM32F207ICH7
Description  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F207ICH7 Datasheet(HTML) 139 Page - STMicroelectronics

Back Button STM32F207ICH7 Datasheet HTML 135Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 136Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 137Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 138Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 139Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 140Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 141Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 142Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 184 page
background image
DocID15818 Rev 15
139/184
STM32F20xxx
Electrical characteristics
183
Figure 62. Synchronous multiplexed PSRAM write timings
tsu(ADV-CLKH)
FSMC_A/D[15:0] valid data before FSMC_CLK high
5
-
ns
th(CLKH-ADV)
FSMC_A/D[15:0] valid data after FSMC_CLK high
0
-
ns
1. CL = 30 pF.
2. Guaranteed by characterization results, not tested in production.
Table 77. Synchronous multiplexed PSRAM write timings(1)(2)
Symbol
Parameter
Min
Max
Unit
tw(CLK)
FSMC_CLK period
2THCLK- 1
-
ns
td(CLKL-NExL)
FSMC_CLK low to FSMC_NEx low (x=0..2)
-
0
ns
td(CLKL-NExH)
FSMC_CLK low to FSMC_NEx high (x= 0…2)
2
-
ns
td(CLKL-NADVL)
FSMC_CLK low to FSMC_NADV low
-
2
ns
td(CLKL-NADVH) FSMC_CLK low to FSMC_NADV high
3
-
ns
td(CLKL-AV)
FSMC_CLK low to FSMC_Ax valid (x=16…25)
-
0
ns
td(CLKL-AIV)
FSMC_CLK low to FSMC_Ax invalid (x=16…25)
7
-
ns
Table 76. Synchronous multiplexed NOR/PSRAM read timings(1)(2) (continued)
Symbol
Parameter
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com