Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F207ICH7 Datasheet(PDF) 142 Page - STMicroelectronics

Part # STM32F207ICH7
Description  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F207ICH7 Datasheet(HTML) 142 Page - STMicroelectronics

Back Button STM32F207ICH7 Datasheet HTML 138Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 139Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 140Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 141Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 142Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 143Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 144Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 145Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 184 page
background image
Electrical characteristics
STM32F20xxx
142/184
DocID15818 Rev 15
PC Card/CompactFlash controller waveforms and timings
Figure 65 through Figure 70 represent synchronous waveforms, with Table 80 and Table 81
providing the corresponding timings. The results shown in these table are obtained with the
following FSMC configuration:
•
COM.FSMC_SetupTime = 0x04;
•
COM.FSMC_WaitSetupTime = 0x07;
•
COM.FSMC_HoldSetupTime = 0x04;
•
COM.FSMC_HiZSetupTime = 0x00;
•
ATT.FSMC_SetupTime = 0x04;
•
ATT.FSMC_WaitSetupTime = 0x07;
•
ATT.FSMC_HoldSetupTime = 0x04;
•
ATT.FSMC_HiZSetupTime = 0x00;
•
IO.FSMC_SetupTime = 0x04;
•
IO.FSMC_WaitSetupTime = 0x07;
•
IO.FSMC_HoldSetupTime = 0x04;
•
IO.FSMC_HiZSetupTime = 0x00;
•
TCLRSetupTime = 0;
•
TARSetupTime = 0;
In all timing tables, the THCLK is the HCLK clock period.
td(CLKL-
NADVL)
FSMC_CLK low to FSMC_NADV low
-
5
ns
td(CLKL-
NADVH)
FSMC_CLK low to FSMC_NADV high
6
-
ns
td(CLKL-AV)
FSMC_CLK low to FSMC_Ax valid (x=16…25)
-
0
ns
td(CLKL-AIV)
FSMC_CLK low to FSMC_Ax invalid (x=16…25)
8
-
ns
td(CLKL-NWEL) FSMC_CLK low to FSMC_NWE low
-
1
ns
td(CLKL-NWEH) FSMC_CLK low to FSMC_NWE high
1
-
ns
td(CLKL-Data) FSMC_D[15:0] valid data after FSMC_CLK low
-
2
ns
td(CLKL-NBLH) FSMC_CLK low to FSMC_NBL high
2
-
ns
1. CL = 30 pF.
2. Guaranteed by characterization results, not tested in production.
Table 79. Synchronous non-multiplexed PSRAM write timings(1)(2) (continued)
Symbol
Parameter
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com