Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24FJ1024GA606 Datasheet(PDF) 2 Page - Microchip Technology

Part # PIC24FJ1024GA606
Description  16-Bit Microcontrollers with Large, Dual Partition Flash Program Memory and USB On-The-Go (OTG)
PDF  466 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ1024GA606 Datasheet(HTML) 2 Page - Microchip Technology

  PIC24FJ1024GA606 Datasheet HTML 1Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 2Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 3Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 4Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 5Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 6Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 7Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 8Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 466 page
background image
PIC24FJ1024GA610/GB610 FAMILY
DS30010074C-page 2
 2015 Microchip Technology Inc.
Peripheral Features
• Peripheral Pin Select (PPS) –Allows Independent
I/O Mapping of Many Peripherals
• Up to 5 External Interrupt Sources
• Configurable Interrupt-on-Change on All I/O Pins:
- Each pin is independently configurable for rising
edge or falling edge change detection
• Eight-Channel DMA Supports All Peripheral modules:
- Minimizes CPU overhead and increases data
throughput
• Five 16-Bit Timers/Counters with Prescalers:
- Can be paired as 32-bit timers/counters
• Six Input Capture modules, Each with a Dedicated
16-Bit Timer
• Six Output Compare/PWM modules, Each with a
Dedicated 16-Bit Timer
• Four Single Output CCPs (SCCPs) and Three
Multiple Output CCPs (MCCPs):
- Independent 16/32-bit time base for each module
- Internal time base and period registers
- Legacy PIC24F Capture and Compare modes
(16 and 32-bit)
- Special Variable Frequency Pulse and Brushless
DC Motor Output modes
• Enhanced Parallel Master/Slave Port (EPMP/EPSP)
• Hardware Real-Time Clock/Calendar (RTCC) with
Timestamping
• Three 3-Wire/4-Wire SPI modules:
- Support 4 Frame modes
- 8-level FIFO buffer
- Support I2S operation
•Three I2C modules Support Multi-Master/Slave
mode and 7-Bit/10-Bit Addressing
• Six UART modules:
- Support RS-485, RS-232 and LIN/J2602
- On-chip hardware encoder/decoder for IrDA®
- Auto-wake-up on Auto-Baud Detect (ABD)
- 4-level deep FIFO buffer
• Programmable 32-Bit Cyclic Redundancy Check
(CRC) Generator
• Four Configurable Logic Cells (CLCs):
- Two inputs and one output, all mappable to
peripherals or I/O pins
- AND/OR/XOR logic and D/JK flip-flop functions
• High-Current Sink/Source (18 mA/18 mA) on All I/O Pins
• Configurable Open-Drain Outputs on Digital I/O Pins
• 5.5V Tolerant Inputs on Multiple I/O Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com