Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24FJ1024GA606 Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC24FJ1024GA606
Description  16-Bit Microcontrollers with Large, Dual Partition Flash Program Memory and USB On-The-Go (OTG)
PDF  466 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ1024GA606 Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC24FJ1024GA606 Datasheet HTML 35Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 36Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 37Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 38Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 39Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 40Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 41Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 42Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 466 page
background image
 2015 Microchip Technology Inc.
DS30010074C-page 39
PIC24FJ1024GA610/GB610 FAMILY
RPI32
—
—
40
40
K6
K6
I
DIG/ST Remappable Peripherals
(input only)
RPI33
—
—
18
18
G1
G1
I
DIG/ST
RPI34
—
—
19
19
G2
G2
I
DIG/ST
RPI35
—
—
67
67
E8
E8
I
DIG/ST
RPI36
—
—
66
66
E11
E11
I
DIG/ST
RPI37
48
48
74
74
B11
B11
I
DIG/ST
RPI38
—
—
6
6
D1
D1
I
DIG/ST
RPI39
—
—
7
7
E4
E4
I
DIG/ST
RPI40
—
—
8
8
E2
E2
I
DIG/ST
RPI41
—
—
9
9
E1
E1
I
DIG/ST
RPI42
—
—
79
79
A9
A9
I
DIG/ST
RPI43
—
—
47
47
L9
L9
I
DIG/ST
SCL1
37
44
57
66
H10
E11
I/O
I2C
I2C1 Synchronous Serial Clock
Input/Output
SCL2
32
32
58
58
H11
H11
I/O
I2C
I2C2 Synchronous Serial Clock
Input/Output
SCL3
2
2
4
4
C1
C1
I/O
I2C
I2C3 Synchronous Serial Clock
Input/Output
SDA1
36
43
56
67
J11
E8
I/O
I2C
I2C1 Data Input/Output
SDA2
31
31
59
59
G10
G10
I/O
I2C
I2C2 Data Input/Output
SDA3
3
3
5
5
D2
D2
I/O
I2C
I2C3 Data Input/Output
SOSCI
47
47
73
73
C10
C10
I
ANA/
ST
Secondary Oscillator/Timer1
Clock Input
SOSCO
48
48
74
74
B11
B11
O
ANA
Secondary Oscillator/Timer1
Clock Output
T1CK
22
22
33
33
L4
L4
I
ST
Timer1 Clock
TCK
27
27
38
38
J6
J6
I
ST
JTAG Test Clock/Programming
Clock Input
TDI
28
28
60
60
G11
G11
I
ST
JTAG Test Data/Programming
Data Input
TDO
24
24
61
61
G9
G9
O
DIG
JTAG Test Data Output
TMPR
22
22
33
33
L4
L4
I
ST
Tamper Detect Input
TMS
23
23
17
17
G3
G3
I
ST
JTAG Test Mode Select Input
U5CTS
58
58
87
87
B6
B6
I
ST
UART5 CTS Output
U5RTS/
U5BCLK
55
55
84
84
C7
C7
O
DIG
UART5 RTS Input
U5RX
54
54
83
83
D7
D7
I
ST
UART5 Receive Input
U5TX
49
49
76
76
A11
A11
O
DIG
UART5 Transmit Output
U6CTS
46
46
72
72
D9
D9
I
ST
UART6 CTS Output
U6RTS/
U6BCLK
42
42
68
68
E9
E9
O
DIG
UART6 RTS Input
TABLE 1-3:
PIC24FJ1024GA610/GB610 FAMILY PINOUT DESCRIPTIONS (CONTINUED)
Pin
Function
Pin Number/Grid Locator
I/O
Input
Buffer
Description
GA606
64-Pin
QFN/TQFP/
QFP
GB606
64-Pin QFN/
TQFP/QFP
GA610
100-Pin
TQFP/
QFP
GB610
100-Pin
TQFP/
QFP
GA612
121-Pin
BGA
GB612
121-Pin
BGA
Legend:
TTL = TTL input buffer
ST = Schmitt Trigger input buffer
ANA = Analog level input/output
I2C = I2C/SMBus input buffer
DIG = Digital input/output
XCVR = Dedicated Transceiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com