Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24FJ1024GA606 Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC24FJ1024GA606
Description  16-Bit Microcontrollers with Large, Dual Partition Flash Program Memory and USB On-The-Go (OTG)
PDF  466 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ1024GA606 Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC24FJ1024GA606 Datasheet HTML 9Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 10Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 11Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 12Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 13Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 14Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 15Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 16Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 466 page
background image
 2015 Microchip Technology Inc.
DS30010074C-page 13
PIC24FJ1024GA610/GB610 FAMILY
TABLE 6:
COMPLETE PIN FUNCTION DESCRIPTIONS (PIC24FJXXXGA610 BGA)
Pin
Full Pin Name
Pin
Full Pin Name
A1
HLVDIN/CTED8/PMD4/RE4
E1
AN16/RPI41/OCM3C/PMCS2/RC4
A2
CTED9/PMD3/RE3
E2
RPI40
/OCM2D/RC3
A3
OCM2F/CTED10/RG13
E3
AN17/C1IND/RP21/ICM1/OCM1A/PMA5/RG6
A4
PMD0/RE0
E4
RPI39
/OCM2C/RC2
A5
PMD8/RG0
E5
N/C
A6
PMD10/RF1
E6
PMD9/RG1
A7
N/C
E7
N/C
A8
N/C
E8
RPI35
/PMBE1/RA15
A9
RPI42
/OCM3E/PMD12/RD12
E9
CLC4OUT/RP2/U6RTS/U6BCLK/ICM5/RD8
A10
RP23
/PMACK1/RD2
E10
RP4
/PMACK2/RD9
A11
RP24
/U5TX/ICM4/RD1
E11
RPI36
/PMA22/RA14
B1
N/C
F1
MCLR
B2
OCM1C/CTED3/RG15
F2
AN19/C2IND/RP19/ICM2/OCM2A/PMA3/RG8
B3
PMD2/RE2
F3
AN20/C1INC/C2INC/C3INC/RP27/OCM2B/PMA2/PMALU/
RG9
B4
PMD1/RE1
F4
AN18/C1INC/RP26/OCM1B/PMA4/RG7
B5
AN22/OCM1F/PMA17/RA7
F5
VSS
B6
U5CTS/OC6/PMD11/RF0
F6
N/C
B7
VCAP
F7
N/C
B8
RP20
/PMRD/PMWR/RD5
F8
VDD
B9
RP22
/ICM7/PMBE0/RD3
F9
OSCI/CLKI/RC12
B10
VSS
F10
VSS
B11
SOSCO/C3INC/RPI37/PWRLCLK/RC14
F11
OSCO/CLKO/RC15
C1
SCL3/IC5/PMD6/RE6
G1
RPI33
/PMCS1/RE8
C2
VDD
G2
AN21/RPI34/PMA19/RE9
C3
OCM2E/RG12
G3
TMS/OCM3D/CTED14/RA0
C4
CTED11/PMA16/RG14
G4
N/C
C5
AN23/OCM1E/RA6
G5
VDD
C6
N/C
G6
VSS
C7
C3INA/U5RTS/U5BCLK/OC5/PMD15/RD7
G7
VSS
C8
RP25
/PMWR/PMENB/RD4
G8
N/C
C9
N/C
G9
TDO/RA5
C10
SOSCI/C3IND/RC13
G10
SDA2/PMA20/RA3
C11
RP12
/PMA14/PMCS1/RD11
G11
TDI/PMA21/RA4
D1
RPI38
/OCM1D/RC1
H1
PGEC3/AN5/C1INA/RP18/ICM3/OCM3A/RB5
D2
SDA3/IC6/PMD7/RE7
H2
PGED3/AN4/C1INB/RP28/OCM3B/RB4
D3
IC4/CTED4/PMD5/RE5
H3
N/C
D4
N/C
H4
N/C
D5
N/C
H5
N/C
D6
N/C
H6
VDD
D7
C3INB/U5RX/OC4/PMD14/RD6
H7
N/C
D8
OCM3F/PMD13/RD13
H8
RF7
D9
CLC3OUT/RP11/U6CTS/ICM6/RD0
H9
INT0/RF6
D10
N/C
H10
SCL1/RG2
D11
RP3
/PMA15/PMCS2/RD10
H11
PMPCS1/SCL2/RA2
Legend:
RPn
and RPIn represent remappable pins for Peripheral Pin Select (PPS) functions.
Note:
Pinouts are subject to change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com