Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24FJ1024GA606 Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC24FJ1024GA606
Description  16-Bit Microcontrollers with Large, Dual Partition Flash Program Memory and USB On-The-Go (OTG)
PDF  466 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ1024GA606 Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC24FJ1024GA606 Datasheet HTML 17Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 18Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 19Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 20Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 21Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 22Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 23Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 24Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 466 page
background image
 2015 Microchip Technology Inc.
DS30010074C-page 21
PIC24FJ1024GA610/GB610 FAMILY
1.0
DEVICE OVERVIEW
This document contains device-specific information for
the following devices:
The PIC24FJ1024GA610/GB610 family introduces
many new analog features to the extreme low-power
Microchip devices. This is a 16-bit microcontroller family
with a broad peripheral feature set and enhanced
computational performance. This family also offers a
new migration option for those high-performance
applications which may be outgrowing their 8-bit
platforms, but do not require the numerical processing
power of a Digital Signal Processor (DSP).
Table 1-3 lists the functions of the various pins shown
in the pinout diagrams.
1.1
Core Features
1.1.1
16-BIT ARCHITECTURE
Central to all PIC24F devices is the 16-bit modified
Harvard architecture, first introduced with Microchip’s
dsPIC® Digital Signal Controllers (DSCs). The PIC24F
CPU core offers a wide range of enhancements, such
as:
• 16-bit data and 24-bit address paths with the
ability to move information between data and
memory spaces
• Linear addressing of up to 12 Mbytes (program
space) and 32 Kbytes (data)
• A 16-element Working register array with built-in
software stack support
• A 17 x 17 hardware multiplier with support for
integer math
• Hardware support for 32 by 16-bit division
• An instruction set that supports multiple
addressing modes and is optimized for high-level
languages, such as ‘C’
• Operational performance up to 16 MIPS
1.1.2
POWER-SAVING TECHNOLOGY
The PIC24FJ1024GA610/GB610 family of devices
includes Retention Sleep, a low-power mode with
essential circuits being powered from a separate
low-voltage regulator.
This new low-power mode also supports the continuous
operation of the low-power, on-chip Real-Time Clock/
Calendar (RTCC), making it possible for an application
to keep time while the device is otherwise asleep.
Aside from this new feature, PIC24FJ1024GA610/GB610
family devices also include all of the legacy power-saving
features of previous PIC24F microcontrollers, such as:
• On-the-Fly Clock Switching, allowing the selection
of a lower power clock during run time
• Doze Mode Operation, for maintaining peripheral
clock speed while slowing the CPU clock
• Instruction-Based Power-Saving Modes, for quick
invocation of the Idle and the Sleep modes
1.1.3
OSCILLATOR OPTIONS AND
FEATURES
All of the devices in the PIC24FJ1024GA610/GB610
family offer six different oscillator options, allowing
users a range of choices in developing application
hardware. These include:
• Two Crystal modes
• Two External Clock (EC) modes
• A Phase-Locked Loop (PLL) frequency multiplier,
which allows clock speeds of up to 32 MHz
• A Digitally Controlled Oscillator (DCO) with
multiple frequencies and fast wake-up time
• A Fast Internal Oscillator (FRC), a nominal 8 MHz
output, with multiple frequency divider options
• A separate Low-Power Internal RC Oscillator
(LPRC), 31 kHz nominal, for low-power,
timing-insensitive applications.
The internal oscillator block also provides a stable
reference source for the Fail-Safe Clock Monitor
(FSCM). This option constantly monitors the main clock
source against a reference signal provided by the inter-
nal oscillator and enables the controller to switch to the
internal oscillator, allowing for continued low-speed
operation or a safe application shutdown.
1.1.4
EASY MIGRATION
Regardless of the memory size, all devices share the
same rich set of peripherals, allowing for a smooth
migration path as applications grow and evolve. The
consistent pinout scheme used throughout the entire
family also aids in migrating from one device to the next
larger device, or even in jumping from 64-pin to 100-pin
devices.
The PIC24F family is pin-compatible with devices in the
dsPIC33 family, and shares some compatibility with the
pinout schema for PIC18 and dsPIC30. This extends
the ability of applications to grow from the relatively
simple, to the powerful and complex, yet still selecting
a Microchip device.
• PIC24FJ1024GB610
• PIC24FJ1024GA610
• PIC24FJ512GB610
• PIC24FJ512GA610
• PIC24FJ256GB610
• PIC24FJ256GA610
• PIC24FJ128GB610
• PIC24FJ128GA610
• PIC24FJ1024GB606
• PIC24FJ1024GA606
• PIC24FJ512GB606
• PIC24FJ512GA606
• PIC24FJ256GB606
• PIC24FJ256GA606
• PIC24FJ128GB606
• PIC24FJ128GA606



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com