Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24FJ1024GA606 Datasheet(PDF) 55 Page - Microchip Technology

Part # PIC24FJ1024GA606
Description  16-Bit Microcontrollers with Large, Dual Partition Flash Program Memory and USB On-The-Go (OTG)
PDF  466 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ1024GA606 Datasheet(HTML) 55 Page - Microchip Technology

Back Button PIC24FJ1024GA606 Datasheet HTML 51Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 52Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 53Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 54Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 55Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 56Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 57Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 58Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 466 page
background image
 2015 Microchip Technology Inc.
DS30010074C-page 55
PIC24FJ1024GA610/GB610 FAMILY
4.1.1
PROGRAM MEMORY
ORGANIZATION
The program memory space is organized in word-
addressable blocks. Although it is treated as 24 bits
wide, it is more appropriate to think of each address of
the program memory as a lower and upper word, with
the upper byte of the upper word being unimplemented.
The lower word always has an even address, while the
upper word has an odd address (Figure 4-3).
Program memory addresses are always word-aligned
on the lower word and addresses are incremented or
decremented by two during code execution. This
arrangement also provides compatibility with data
memory space addressing and makes it possible to
access data in the program memory space.
In Single Partition mode, user program memory is
arranged in a contiguous block starting at address,
000000h.
4.1.2
DUAL PARTITION FLASH PROGRAM
MEMORY ORGANIZATION
In the Dual Partition modes, the device’s memory is
divided evenly into two physical sections, known as
Partition 1 and Partition 2. Each of these partitions con-
tains its own program memory and Configuration
Words. During program execution, the code on only
one of these panels is executed; this is the Active Par-
tition. The other partition, or the Inactive Partition, is not
used, but can be programmed.
The Active Partition is always mapped to logical
address, 000000h, while the Inactive Partition will
always be mapped to logical address, 400000h. Note
that even when the code partitions are switched
between Active and Inactive by the user, the address of
the Active Partition will still be at 000000h and the
address of the Inactive Partition will still be at 400000h.
The Boot Sequence Configuration Word (FBTSEQ)
determines whether Partition 1 or Partition 2 will be active
after Reset. If the part is operating in Dual Partition mode,
the partition with the lower boot sequence number will
operate as the Active Partition (FBTSEQ is unused in
Single Partition mode). The partitions can be switched
between Active and Inactive by reprogramming their boot
sequence numbers, but the Active Partition will not
change until a device Reset is performed. If both boot
sequence numbers are the same, or if both are
corrupted, the part will use Partition 1 as the Active Parti-
tion. If only one boot sequence number is corrupted, the
device will use the partition without a corrupted boot
sequence number as the Active Partition.
The user can also change which partition is active at run
time using the BOOTSWP instruction. Issuing a BOOTSWP
instruction does not affect which partition will be the
Active Partition after a Reset. Figure 4-2 demonstrates
how the relationship between Partitions 1 and 2, shown
in red and blue respectively, and the Active and Inactive
Partitions are affected by reprogramming the boot
sequence number or issuing a BOOTSWP instruction.
The P2ACTIV bit (NVMCON<10>) can be used to deter-
mine which physical partition is the Active Partition. If
P2ACTIV = 1, Partition 2 is active; if P2ACTIV = 0,
Partition 1 is active.
4.1.3
HARD MEMORY VECTORS
All PIC24F devices reserve the addresses between
000000h and 000200h for hard-coded program execu-
tion vectors. A hardware Reset vector is provided to
redirect code execution from the default value of the PC
on a device Reset to the actual start of code. A GOTO
instruction is programmed by the user at 000000h, with
the actual address for the start of code at 000002h.
The PIC24FJ1024GA610/GB610 devices can have up
to two Interrupt Vector Tables (IVT). The first is located
from addresses, 000004h to 0000FFh. The Alternate
Interrupt Vector Table (AIVT), which can be enabled by
the AIVTDIS Configuration bit, is located from 000104h
to 0001FFh if no Boot Segment (BS) is present. If the
user has configured a Boot Segment, the AIVT will be
located at the address, (BSLIM<12:0> x 1024) – 508.
These vector tables allow each of the many device
interrupt sources to be handled by separate ISRs. A
more detailed discussion of the Interrupt Vector Tables
is provided in Section 8.1 “Interrupt Vector Table”.
4.1.4
CONFIGURATION BITS OVERVIEW
The Configuration bits are stored in the last page loca-
tion of implemented program memory. These bits can be
set or cleared to select various device configurations.
There are two types of Configuration bits: system oper-
ation bits and code-protect bits. The system operation
bits determine the power-on settings for system-level
components, such as the oscillator and the Watchdog
Timer. The code-protect bits prevent program memory
from being read and written.
Table 4-2 lists the Configuration register address range
for each device in Single and Dual Partition modes.
Table 4-2 lists all of the Configuration bits found in the
PIC24FJ1024GA610/GB610 family devices, as well as
their Configuration register locations. Refer to
Section 30.0 “Special Features”
in this data sheet for
the full Configuration register description for each
specific device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com