Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24FJ1024GA606 Datasheet(PDF) 54 Page - Microchip Technology

Part # PIC24FJ1024GA606
Description  16-Bit Microcontrollers with Large, Dual Partition Flash Program Memory and USB On-The-Go (OTG)
PDF  466 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ1024GA606 Datasheet(HTML) 54 Page - Microchip Technology

Back Button PIC24FJ1024GA606 Datasheet HTML 50Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 51Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 52Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 53Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 54Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 55Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 56Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 57Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 466 page
background image
PIC24FJ1024GA610/GB610 FAMILY
DS30010074C-page 54
 2015 Microchip Technology Inc.
FIGURE 4-1:
PROGRAM SPACE MEMORY MAP FOR PIC24FJ1024GA610/GB610 FAMILY
DEVICES
TABLE 4-1:
PROGRAM MEMORY SIZES AND BOUNDARIES(1)
Device
Program Memory Upper Boundary (Instruction Words)
Write
Blocks(2)
Erase
Blocks(2)
Single Partition
Mode
Dual Partition Mode
Active Partition
Inactive Partition
PIC24FJ1024GX6XX
0ABFFEh (352K)
055FFEh (176K)
455FFEh (176K)
5504
688
PIC24FJ512GX6XX
055FFEh (176K)
02AFFEh (88k)
42AFFEh (88k)
2752
344
PIC24FJ256GX6XX
02AFFEh (88K)
0157FEh (44k)
4157FEh (44k)
1376
172
PIC24FJ128GX6XX
015FFEh (44K)
00AFFEh (22k)
40AFFEh (22k)
688
86
Note 1:
Includes Flash Configuration Words.
2:
1 Write Block = 128 Instruction Words; 1 Erase Block = 1024 Instruction Words.
000000h
FA00FEh
FA0100h
FEFFFEh
FFFFFFh
Flash Write Latches
DEVID (2)
Reserved
FF0000h
F9FFFEh
FA0000h
800000h
7FFFFFh
Reserved
Flash Config Words
0xxx00h(1)
0xxxFEh(1)
Unimplemented
Read ‘0’
User Flash Program Memory
FBOOT
801802h
801800h
Reserved
FF0004h
Reserved
Executive Code Memory
800FFEh
800100h
Customer OTP Memory
8017FEh
801700h
Reserved
801000h
801804h
8016FEh
Single Partition Mode
000000h
800000h
7FFFFFh
Reserved
Flash Config Words
0xxx00h(1)
0xxxFEh(1)
Unimplemented
Read ‘0’
User Flash Program Memory
FBOOT
801802h
801800h
Reserved
Executive Code Memory
800FFEh
800100h
Customer OTP Memory
8017FEh
801700h
Reserved
801000h
801804h
8016FEh
400000h
Flash Config Words
User Flash Program Memory
4xxx00h(1)
4xxxFEh(1)
Unimplemented
Read ‘0’
FA00FEh
FA0100h
FEFFFEh
FFFFFFh
Flash Write Latches
DEVID(2)
Reserved
FF0000h
F9FFFEh
FA0000h
FF0004h
Reserved
Legend:
Memory areas are not shown to scale.
Note
1:
Exact boundary addresses are determined by the size of the implemented program memory (Table 4-1).
Dual Partition Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com