Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24FJ1024GA606 Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC24FJ1024GA606
Description  16-Bit Microcontrollers with Large, Dual Partition Flash Program Memory and USB On-The-Go (OTG)
PDF  466 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ1024GA606 Datasheet(HTML) 3 Page - Microchip Technology

  PIC24FJ1024GA606 Datasheet HTML 1Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 2Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 3Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 4Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 5Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 6Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 7Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 8Page - Microchip Technology PIC24FJ1024GA606 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 466 page
background image
 2015 Microchip Technology Inc.
DS30010074C-page 3
PIC24FJ1024GA610/GB610 FAMILY
PIC24FJ1024GA610/GB610 FAMILY
PRODUCT FAMILIES
The device names, pin counts, memory sizes and
peripheral availability of each device are listed in
Table 1. Their pinout diagrams appear on the following
pages.
TABLE 1:
PIC24FJ1024GA610/GB610 GENERAL PURPOSE FAMILIES
Device
Memory
Pins
Analog
Digital
PIC24FJ128GA606
128K
32K
64
53
16
3
Y
5/2
6/6
3/4
3
3
4/2
Y
4
Y
N
PIC24FJ256GA606
256K
32K
64
53
16
3
Y
5/2
6/6
3/4
3
3
4/2
Y
4
Y
N
PIC24FJ512GA606
512K
32K
64
53
16
3
Y
5/2
6/6
3/4
3
3
4/2
Y
4
Y
N
PIC24FJ1024GA606 1024K 32K
64
53
16
3
Y
5/2
6/6
3/4
3
3
4/2
Y
4
Y
N
PIC24FJ128GA610
128K
32K 100 85
24
3
Y
5/2
6/6
3/4
3
3
4/2
Y
4
Y
N
PIC24FJ256GA610
256K
32K 100 85
24
3
Y
5/2
6/6
3/4
3
3
4/2
Y
4
Y
N
PIC24FJ512GA610
512K
32K 100 85
24
3
Y
5/2
6/6
3/4
3
3
4/2
Y
4
Y
N
PIC24FJ1024GA610 1024K 32K 100 85
24
3
Y
5/2
6/6
3/4
3
3
4/2
Y
4
Y
N
PIC24FJ128GB606
128K
32K
64
53
16
3
Y
5/2
6/6
3/4
3
3
4/2
Y
4
Y
Y
PIC24FJ256GB606
256K
32K
64
53
16
3
Y
5/2
6/6
3/4
3
3
4/2
Y
4
Y
Y
PIC24FJ512GB606
512K
32K
64
53
16
3
Y
5/2
6/6
3/4
3
3
4/2
Y
4
Y
Y
PIC24FJ1024GB606 1024K 32K
64
53
16
3
Y
5/2
6/6
3/4
3
3
4/2
Y
4
Y
Y
PIC24FJ128GB610
128K
32K 100 85
24
3
Y
5/2
6/6
3/4
3
3
4/2
Y
4
Y
Y
PIC24FJ256GB610
256K
32K 100 85
24
3
Y
5/2
6/6
3/4
3
3
4/2
Y
4
Y
Y
PIC24FJ512GB610
512K
32K 100 85
24
3
Y
5/2
6/6
3/4
3
3
4/2
Y
4
Y
Y
PIC24FJ1024GB610 1024K 32K 100 85
24
3
Y
5/2
6/6
3/4
3
3
4/2
Y
4
Y
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com