Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2027MDREP Datasheet(PDF) 14 Page - Texas Instruments

Part # TLE2027MDREP
Description  Excalibur™ LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLE2027MDREP Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLE2027MDREP Datasheet HTML 10Page - Texas Instruments TLE2027MDREP Datasheet HTML 11Page - Texas Instruments TLE2027MDREP Datasheet HTML 12Page - Texas Instruments TLE2027MDREP Datasheet HTML 13Page - Texas Instruments TLE2027MDREP Datasheet HTML 14Page - Texas Instruments TLE2027MDREP Datasheet HTML 15Page - Texas Instruments TLE2027MDREP Datasheet HTML 16Page - Texas Instruments TLE2027MDREP Datasheet HTML 17Page - Texas Instruments TLE2027MDREP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
www.ti.com
LARGE-SIGNAL DIFFERENTIAL
VOLTAGE AMPLIFICATION
vs
SUPPLY VOLTAGE
0
0
 VCC± − Supply Voltage − V
50
4
8
12
16
20
10
20
30
40
RL = 2 kΩ
RL = 1 kΩ
RL = 600 Ω
TA = 25°C
MAXIMUM NEGATIVE PEAK
OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
−14
−75
TA − Free-Air Temperature − °C
−13.8
−13.6
−13.4
−13.2
−13
−50 −25
0
25
50
75
100 125 150
RL = 2 kΩ
VCC
± = ±15 V
Sample Size = 831 Units
From 2 Wafer Lots
NOTE A: Data at high and low temperatures are applicable
only within the rated operating free-air temperature
ranges of the various devices.
AVD
Phase Shift
VCC± = ±15 V
RL = 2 kΩ
CL = 100 pF
TA = 25°C
275
°
75
°
250
°
225
°
200
°
175
°
150
°
125
°
100
°
140
120
100
80
60
40
20
100 k
100
160
100 M
f − Frequency − Hz
0
0.1
LARGE-SIGNAL DIFFERENTIAL VOLTAGE
AMPLIFICATION AND PHASE SHIFT
vs
FREQUENCY
10
0
50
100
200
400
1 k
4 k
10 k
2 k
40
30
20
RL − Load Resistance − Ω
TA = 25°C
VCC
± = ±15 V
LARGE-SIGNAL DIFFERENTIAL
VOLTAGE AMPLIFICATION
vs
LOAD RESISTANCE
TLE2027-EP
Excalibur™ LOW-NOISE HIGH-SPEED
PRECISION OPERATIONAL AMPLIFIER
SLOS511 – JUNE 2007
TYPICAL CHARACTERISTICS (continued)
Figure 18.
Figure 19.
Figure 20.
Figure 21.
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com