Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2027MDREP Datasheet(PDF) 20 Page - Texas Instruments

Part # TLE2027MDREP
Description  Excalibur™ LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLE2027MDREP Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLE2027MDREP Datasheet HTML 16Page - Texas Instruments TLE2027MDREP Datasheet HTML 17Page - Texas Instruments TLE2027MDREP Datasheet HTML 18Page - Texas Instruments TLE2027MDREP Datasheet HTML 19Page - Texas Instruments TLE2027MDREP Datasheet HTML 20Page - Texas Instruments TLE2027MDREP Datasheet HTML 21Page - Texas Instruments TLE2027MDREP Datasheet HTML 22Page - Texas Instruments TLE2027MDREP Datasheet HTML 23Page - Texas Instruments TLE2027MDREP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
www.ti.com
1000
40
°
20
°
60
°
CL − Load Capacitance − pF
0
°
100
PHASE MARGIN
vs
LOAD CAPACITANCE
VCC± = ±15 V
RL = 2 kΩ
TA = 25°C
See Figure 3
10
°
30
°
50
°
56
°
54
°
52
°
50
°
48
°
46
°
44
°
20
18
16
14
12
10
8
6
4
2
58
°
22
| VCC
± | − Supply Voltage − V
42
°
0
RL = 2 kΩ
CL = 100 pF
TA = 25°C
See Figure 3
PHASE MARGIN
vs
SUPPLY VOLTAGE
60
°
55
°
50
°
45
°
40
°
125
100
75
50
25
0
−25
65
°
150
TA − Free-Air Temperature − °C
35
°
−75
VCC± = ±15 V
RL = 2 kΩ
TA = 25°C
See Figure 3
PHASE MARGIN
vs
FREE-AIR TEMPERATURE
−50
NOTE A: Data at high and low temperatures are applicable only
within the rated operating free-air temperature ranges
of the various devices.
TLE2027-EP
Excalibur™ LOW-NOISE HIGH-SPEED
PRECISION OPERATIONAL AMPLIFIER
SLOS511 – JUNE 2007
TYPICAL CHARACTERISTICS (continued)
Figure 42.
Figure 43.
Figure 44.
20
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com