Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2027MDREP Datasheet(PDF) 15 Page - Texas Instruments

Part # TLE2027MDREP
Description  Excalibur™ LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLE2027MDREP Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLE2027MDREP Datasheet HTML 11Page - Texas Instruments TLE2027MDREP Datasheet HTML 12Page - Texas Instruments TLE2027MDREP Datasheet HTML 13Page - Texas Instruments TLE2027MDREP Datasheet HTML 14Page - Texas Instruments TLE2027MDREP Datasheet HTML 15Page - Texas Instruments TLE2027MDREP Datasheet HTML 16Page - Texas Instruments TLE2027MDREP Datasheet HTML 17Page - Texas Instruments TLE2027MDREP Datasheet HTML 18Page - Texas Instruments TLE2027MDREP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
www.ti.com
300
°
100
°
275
°
250
°
225
°
200
°
175
°
150
°
125
°
AVD
Phase Shift
70
40
20
3
0
−3
−6
−9
−12
−15
6
100
f − Frequency − MHz
−18
10
VCC± = ±15 V
RL = 2 kΩ
CL = 100 pF
TA = 25°C
LARGE-SIGNAL DIFFERENTIAL VOLTAGE
AMPLIFICATION AND PHASE SHIFT
vs
FREQUENCY
−75
30
TA − Free-Air Temperature − °C
150
60
−50 −25
0
25
50
75
100 125
40
50
VCC± = ±15 V
RL = 2 kΩ
RL = 1 kΩ
LARGE-SIGNAL DIFFERENTIAL
VOLTAGE AMPLIFICATION
vs
FREE-AIR TEMPERATURE
NOTE A: Data at high and low temperatures are applicable only
within the rated operating free-air temperature ranges
of the various devices.
10
0
f − Frequency − Hz
100 M
140
100
1 k
10 k
100 k
1 M
10 M
20
40
60
80
100
120
COMMON-MODE REJECTION RATIO
vs
FREQUENCY
TA = 25°C
VCC± = ±15 V
OUTPUT IMPEDANCE
vs
FREQUENCY
10
−100
f − Frequency − Hz
100 M
100
100
1 k
10 k
100 k
1 M
10 M
−10
1
10
AVD = 100
See Note A
AVD = 10
VCC± = ±15 V
TA = 25°C
NOTE A: For this curve, AVD = 1
TLE2027-EP
Excalibur™ LOW-NOISE HIGH-SPEED
PRECISION OPERATIONAL AMPLIFIER
SLOS511 – JUNE 2007
TYPICAL CHARACTERISTICS (continued)
Figure 22.
Figure 23.
Figure 24.
Figure 25.
15
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com