Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2027MDREP Datasheet(PDF) 11 Page - Texas Instruments

Part # TLE2027MDREP
Description  Excalibur™ LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLE2027MDREP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLE2027MDREP Datasheet HTML 7Page - Texas Instruments TLE2027MDREP Datasheet HTML 8Page - Texas Instruments TLE2027MDREP Datasheet HTML 9Page - Texas Instruments TLE2027MDREP Datasheet HTML 10Page - Texas Instruments TLE2027MDREP Datasheet HTML 11Page - Texas Instruments TLE2027MDREP Datasheet HTML 12Page - Texas Instruments TLE2027MDREP Datasheet HTML 13Page - Texas Instruments TLE2027MDREP Datasheet HTML 14Page - Texas Instruments TLE2027MDREP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
INPUT OFFSET VOLTAGE CHANGE
vs
TIME AFTER POWER ON
0
0
t − Time After Power On − s
10
20
30
40
50
60
2
4
6
8
10
12
50 Amplifiers Tested From 2 Wafer Lots
VCC
± = ±15 V
TA = 25°C
D Package
VIO − Input Offset Voltage − µV
TA = 25°C
VCC+ = +15 V
16
14
12
10
8
6
4
2
0
120
90
60
30
− 30
− 60
− 90
− 120
0
D Package
1568 Amplifiers Tested From 2 Wafer Lots
DISTRIBUTION
INPUT OFFSET VOLTAGE
t − Time After Power On − s
INPUT OFFSET VOLTAGE CHANGE
vs
TIME AFTER POWER ON
6
5
4
3
2
1
0
0
20
40
60
80
100 120 140 160 180
50 Amplifiers Tested From 2 Wafer Lots
VCC
± = ±15 V
TA = 25°C
P Package
0
5
10
15
20
25
30
150
125
100
75
50
25
0
− 25
− 50
TA − Free-Air Temperature − °C
− 75
INPUT OFFSET CURRENT
vs
FREE-AIR TEMPERATURE
VCC
± = ±15 V
VIC = 0
Sample Size = 833 Units
From 2 Wafer Lots
NOTE A: Data at high and low temperatures are
applicable only within the rated operating
free-air temperature ranges of the various
devices.
TLE2027-EP
Excalibur™ LOW-NOISE HIGH-SPEED
PRECISION OPERATIONAL AMPLIFIER
SLOS511 – JUNE 2007
Figure 6.
Figure 7.
Figure 8.
Figure 9.
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com