Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2027MDREP Datasheet(PDF) 7 Page - Texas Instruments

Part # TLE2027MDREP
Description  Excalibur™ LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLE2027MDREP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLE2027MDREP Datasheet HTML 3Page - Texas Instruments TLE2027MDREP Datasheet HTML 4Page - Texas Instruments TLE2027MDREP Datasheet HTML 5Page - Texas Instruments TLE2027MDREP Datasheet HTML 6Page - Texas Instruments TLE2027MDREP Datasheet HTML 7Page - Texas Instruments TLE2027MDREP Datasheet HTML 8Page - Texas Instruments TLE2027MDREP Datasheet HTML 9Page - Texas Instruments TLE2027MDREP Datasheet HTML 10Page - Texas Instruments TLE2027MDREP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
www.ti.com
Operating Characteristics
TLE2027-EP
Excalibur™ LOW-NOISE HIGH-SPEED
PRECISION OPERATIONAL AMPLIFIER
SLOS511 – JUNE 2007
at specified free-air temperature, VCC± = ±15 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RL = 2 kΩ, CL = 100 pF,
1.7
2.8
See Figure 1
SR
Slew rate at unity gain
V/
μs
RL = 2 kΩ, CL = 100 pF,
TA = –55°C to 125°C,
1
See Figure 1
f = 10 Hz
3.3
Vn
Equivalent input noise voltage (see Figure 2)
RS = 20 Ω
nV/
√Hz
f = 1 kHz
2.5
VN(PP)
Peak-to-peak equivalent input noise voltage
f = 0.1 Hz to 10 Hz
50
nV
f = 10 Hz
1.5
In
Equivalent input noise current
pA/
√Hz
f = 1 kHz
0.4
THD
Total harmonic distortion
VO = 10 V, AVD = 1
(1)
<0.002%
B1
Unity-gain bandwidth (see Figure 3)
RL = 2 kΩ, CL = 100 pF
13
MHz
BOM
Maximum output-swing bandwidth
RL = 2 kΩ
30
kHz
φm
Phase margin at unity gain (see Figure 3)
RL = 2 kΩ, CL = 100 pF
55
°
(1)
Measured distortion of the source used in the analysis was 0.002%.
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com