Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2027MDREP Datasheet(PDF) 5 Page - Texas Instruments

Part # TLE2027MDREP
Description  Excalibur™ LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLE2027MDREP Datasheet(HTML) 5 Page - Texas Instruments

  TLE2027MDREP Datasheet HTML 1Page - Texas Instruments TLE2027MDREP Datasheet HTML 2Page - Texas Instruments TLE2027MDREP Datasheet HTML 3Page - Texas Instruments TLE2027MDREP Datasheet HTML 4Page - Texas Instruments TLE2027MDREP Datasheet HTML 5Page - Texas Instruments TLE2027MDREP Datasheet HTML 6Page - Texas Instruments TLE2027MDREP Datasheet HTML 7Page - Texas Instruments TLE2027MDREP Datasheet HTML 8Page - Texas Instruments TLE2027MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Dissipation Rating Table
Recommended Operating Conditions
TLE2027-EP
Excalibur™ LOW-NOISE HIGH-SPEED
PRECISION OPERATIONAL AMPLIFIER
SLOS511 – JUNE 2007
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC+
Supply voltage(2)
19
V
VCC–
Supply voltage
–19
V
VID
Differential input voltage(3)
±1.2
V
VI
Input voltage range (any input)
VCC±
II
Input current (each input)
±1
mA
IO
Output current
±50
mA
Total current into VCC+
50
mA
Total current out of VCC–
50
mA
Duration of short-circuit current at (or below) 25
°C(4)
Unlimited
See Dissipation
Continuous total power dissipation
Rating Table
TA
Operating free-air temperature range
–55
125
°C
Tstg
Storage temperature range(5)
–65
150
°C
Lead temperature 1,6 mm (1/16 in) from case for 10 s
D package
260
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to the midpoint between VCC+ and VCC– .
(3)
Differential voltages are at IN+ with respect to IN–. Excessive current flows if a differential input voltage in excess of approximately
±1.2 V is applied between the inputs, unless some limiting resistance is used.
(4)
The output may be shorted to either supply. Temperature and/or supply voltages must be limited to ensure that the maximum dissipation
rating is not exceeded.
(5)
Long-term high-temperature storage and/or extended use at maximum recommended operating conditions may result in a reduction of
overall device life. See http://www.ti.com/ep_quality for additional information on enhanced product packaging.
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 105°C
TA = 125°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
POWER RATING
D
725 mW
5.8 mW/
°C
464 mW
261 mW
145 mW
MIN
MAX
UNIT
VCC±
Supply voltage
±4
±19
V
TA = 25°C
–11
11
VIC
Common-mode input voltage
V
TA = Full range
(1)
–10.3
10.3
TA
Operating free-air temperature
–55
125
°C
(1)
Full range is –55
°C to 125°C.
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com