Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2027MDREP Datasheet(PDF) 17 Page - Texas Instruments

Part # TLE2027MDREP
Description  Excalibur™ LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLE2027MDREP Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLE2027MDREP Datasheet HTML 13Page - Texas Instruments TLE2027MDREP Datasheet HTML 14Page - Texas Instruments TLE2027MDREP Datasheet HTML 15Page - Texas Instruments TLE2027MDREP Datasheet HTML 16Page - Texas Instruments TLE2027MDREP Datasheet HTML 17Page - Texas Instruments TLE2027MDREP Datasheet HTML 18Page - Texas Instruments TLE2027MDREP Datasheet HTML 19Page - Texas Instruments TLE2027MDREP Datasheet HTML 20Page - Texas Instruments TLE2027MDREP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
www.ti.com
SHORT-CIRCUIT OUTPUT CURRENT
vs
ELAPSED TIME
0
34
t − Elapsed Time − s
180
44
30
60
90
120
150
36
38
40
42
P Package
TA = 25°C
VO = 0
VID = 100 mV
VCC ± = ±15 V
−75
−24
TA − Free-Air Temperature − °C
150
−48
−50 −25
0
25
50
75
100 125
−28
−32
−36
−40
−44
SHORT-CIRCUIT OUTPUT CURRENT
vs
FREE-AIR TEMPERATURE
VCC± = ±15 V
VID = 100 mV
VO = 0
P Package
NOTE A: Data at high and low temperatures are applicable only
within the rated operating free-air temperature ranges
of the various devices.
26
TA − Free-Air Temperature − °C
46
30
34
38
42
125
100
75
50
25
0
−25
−50
150
−75
SHORT-CIRCUIT OUTPUT CURRENT
vs
FREE-AIR TEMPERATURE
VCC± = ±15 V
VID = −100 mV
VO = 0
P Package
NOTE A: Data at high and low temperatures are applicable only
within the rated operating free-air temperature ranges
of the various devices.
0
0
 VCC± − Supply Voltage − V
6
2
4
6
8
10
12
14
16
18
20
1
2
3
4
5
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
VO = 0
No Load
TA = 125°C
TA = 25°C
TA = −55°C
NOTE A: Data at high and low temperatures are applicable
only within the rated operating free-air temperature
ranges of the various devices.
TLE2027-EP
Excalibur™ LOW-NOISE HIGH-SPEED
PRECISION OPERATIONAL AMPLIFIER
SLOS511 – JUNE 2007
TYPICAL CHARACTERISTICS (continued)
Figure 30.
Figure 31.
Figure 32.
Figure 33.
17
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com