Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2027MDREP Datasheet(PDF) 10 Page - Texas Instruments

Part # TLE2027MDREP
Description  Excalibur™ LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLE2027MDREP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLE2027MDREP Datasheet HTML 6Page - Texas Instruments TLE2027MDREP Datasheet HTML 7Page - Texas Instruments TLE2027MDREP Datasheet HTML 8Page - Texas Instruments TLE2027MDREP Datasheet HTML 9Page - Texas Instruments TLE2027MDREP Datasheet HTML 10Page - Texas Instruments TLE2027MDREP Datasheet HTML 11Page - Texas Instruments TLE2027MDREP Datasheet HTML 12Page - Texas Instruments TLE2027MDREP Datasheet HTML 13Page - Texas Instruments TLE2027MDREP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
TLE2027-EP
Excalibur™ LOW-NOISE HIGH-SPEED
PRECISION OPERATIONAL AMPLIFIER
SLOS511 – JUNE 2007
Table of Graphs
FIGURE
VIO
Input offset voltage
Distribution
6,
ΔVIO
Input offset voltage change
vs
Time after power on
7, 8
IIO
Input offset current
vs
Free-air temperature
9
vs
Free-air temperature
10
IIB
Input bias current
vs
Common-mode input voltage
11
II
Input current
vs
Differential input voltage
12
VO(PP)
Maximum peak-to-peak output voltage
vs
Frequency
13, 14
vs
Load resistance
15, 16
VOM
Maximum (positive/negative) peak output voltage
vs
Free-air temperature
17, 18
vs
Supply voltage
19
vs
Load resistance
20
AVD
Large-signal differential voltage amplification
vs
Frequency
21, 22
vs
Free-air temperature
23
zo
Output impedance
vs
Frequency
24
CMRR
Common-mode rejection ratio
vs
Frequency
25
kSVR
Supply-voltage rejection ratio
vs
Frequency
26
vs
Supply voltage
27, 28
IOS
Short-circuit output current
vs
Elapsed time
29, 30
vs
Free-air temperature
31, 32
vs
Supply voltage
33
ICC
Supply current
vs
Free-air temperature
34
Small signal
35
Voltage-follower pulse response
Large signal
36
Vn
Equivalent input noise voltage
vs
Frequency
37
Noise voltage (referred to input)
Over 10-s interval
38
vs
Supply voltage
39
B1
Unity-gain bandwidth
vs
Load capacitance
40
SR
Slew rate
vs
Free-air temperature
41
vs
Supply voltage
42
φm
Phase margin
vs
Loadcapacitance
43
vs
Free-air temperature
44
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com